Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 10Page - STMicroelectronics UM0932 Datasheet HTML 11Page - STMicroelectronics UM0932 Datasheet HTML 12Page - STMicroelectronics UM0932 Datasheet HTML 13Page - STMicroelectronics UM0932 Datasheet HTML 14Page - STMicroelectronics UM0932 Datasheet HTML 15Page - STMicroelectronics UM0932 Datasheet HTML 16Page - STMicroelectronics UM0932 Datasheet HTML 17Page - STMicroelectronics UM0932 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
Host interface
UM0932
14/43
DocID17385 Rev 3
The UART interface has two data channels:
TXD carries data from the ST7580 to the host
RXD carries data from the host to the ST7580
A local request input signal is implemented on the T_REQ pin.
ST7580 UART is a half duplex asynchronous serial port without hardware control flow.
UART settings used are:
Half duplex mode
Standard NRZ bit coding
LSBit first transmission: the bits within each byte are sent LSBit to MSBit
The exchanged frames are composed of characters
A single character is composed of 1 start bit, 8 data bits and 1 stop bit
0-5 V or 0-3.3 V levels on TXD, RXD, T_REQ signals.
Figure 7 shows the character format:
Figure 7. Local port character format
3.2
Communication protocol
The host interface process implemented in the ST7580 device performs the following tasks:
The frame format definition
The reception mechanism: the UART standard on half duplex data channel is
implemented and collisions are avoided
The acknowledgement to received frames
The timeout management
The error checking: length, syntax and checksum field of a received frame are
controlled and a repetition is requested in case of error.
3.2.1
Frame types
A frame is a sequence of one or more characters encapsulating a data exchanged between
the ST7580 device and the host controller. The communication protocol defines several
frame formats for the different steps of the communication protocol (access to ST7580
services, acknowledgement, device status).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com