Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 40 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 35Page - STMicroelectronics UM0932 Datasheet HTML 36Page - STMicroelectronics UM0932 Datasheet HTML 37Page - STMicroelectronics UM0932 Datasheet HTML 38Page - STMicroelectronics UM0932 Datasheet HTML 39Page - STMicroelectronics UM0932 Datasheet HTML 40Page - STMicroelectronics UM0932 Datasheet HTML 41Page - STMicroelectronics UM0932 Datasheet HTML 42Page - STMicroelectronics UM0932 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
Management information base (MIB)
UM0932
40/43
DocID17385 Rev 3
4.2.6
06h (PHY Data)
This object stores counters of power line frames transmitted or received by the ST7580 in
compliance with physical frame features. It can be read or erased only.
4.2.7
07h (DL Data)
This object stores counters of power line frames transmitted or received by the ST7580 in
compliance with data link frame features. It can be read or erased only.
Table 58. MIB object 06h: MIB_WriteRequest and MIB_ReadRequest Data format
Byte index
Label
Description
Factory
default value
0 – 1
Received unique word
counter
Counter of preamble and unique word sequences
received
0000h
2 - 3
PHY valid received
frames counter
Counter of valid received PHY frame (right preamble,
UW). If the modem is set at DL or SS layer (through MIB
object Modem Configuration 00h, Section 4.2.1), it
includes any wrong and malformed frames (CRC wrong,
invalid key) also. Unsigned value.
0000h
4 - 5
PHY transmitted frames
counter
Counter of valid transmitted PHY frames
(PHY_DataConfirm number). Unsigned value.
0000h
6 – 7
PHY refused
transmission counter
Counter of refused transmissions on PHY frames
(PHY_DataError number). Unsigned value.
0000h
8 - 9
Network period
Mains period, expressed in 13 µs step, updated during
last reception or transmission
0000h
Table 59. MIB object 07h: MIB_WriteRequest and MIB_ReadRequest data format
Byte index
Label
Description
Factory default
value
0 – 1
DL valid received
frames counter
Counter of valid received DL frames (right CRC). If the
modem is set the SS layer (through MIB object Modem
Configuration 00h, Section 4.2.1), it includes any SS
wrong and malformed frames (invalid key) as well.
Unsigned value.
0000h
2 - 3
DL invalid received
frames counter
Counter of invalid received DL frames (wrong CRC).
Unsigned value.
0000h
4 - 5
DL transmitted frames
counter
Counter of valid transmitted DL frames (DL_DataConfirm
number). Unsigned value.
0000h
6 – 7
DL refused
transmission counter
Counter of refused transmissions on DL frames
(DL_DataError number). Unsigned value.
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com