Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 29Page - STMicroelectronics UM0932 Datasheet HTML 30Page - STMicroelectronics UM0932 Datasheet HTML 31Page - STMicroelectronics UM0932 Datasheet HTML 32Page - STMicroelectronics UM0932 Datasheet HTML 33Page - STMicroelectronics UM0932 Datasheet HTML 34Page - STMicroelectronics UM0932 Datasheet HTML 35Page - STMicroelectronics UM0932 Datasheet HTML 36Page - STMicroelectronics UM0932 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
DocID17385 Rev 3
33/43
UM0932
Host interface
43
3.3.22
SS_SnifferIndication (5Eh)
This command is sent by the ST7580 after a reception of a power line frame that couldn't be
decrypted through the key value stored in the MIB object SS_Key 02h (Section 4.2.3) and it
exports the SS_Sniffer indication service (Section 2.4). The command notification occurs if
the modem is set for receiving SS frames at MIB object Modem Config 00h (Section 4.2.1),
as in the diagram flow in Figure 5.
The IndicationData fields are the same as for PHY_DataIndication (Table 39). The payload
field won't present the wrong CRC bytes.
3.3.23
CMD_SyntaxError (36h)
This command is sent by the ST758 to the external host after receiving a local frame with
the value declared in command code not corresponding to any command listed in Table 10.
Table 49. SS_SnifferIndication: Syntax
Source
Command(Args)
Possible response
ST7580
SS_SnifferIndication (IndicationData)
None
Table 50. CMD_SyntaxError: Syntax
Source
Command(Args)
Possible response
ST7580
CMD_SyntaxError(ErrorData)
None
Table 51. CMD_SyntaxError:ErrorData
Byte index
Label
Description
0
ERROR Wrong command code declared in the previous local frame by external host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com