Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 18Page - STMicroelectronics UM0932 Datasheet HTML 19Page - STMicroelectronics UM0932 Datasheet HTML 20Page - STMicroelectronics UM0932 Datasheet HTML 21Page - STMicroelectronics UM0932 Datasheet HTML 22Page - STMicroelectronics UM0932 Datasheet HTML 23Page - STMicroelectronics UM0932 Datasheet HTML 24Page - STMicroelectronics UM0932 Datasheet HTML 25Page - STMicroelectronics UM0932 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
Host interface
UM0932
22/43
DocID17385 Rev 3
3.3.3
BIO_ResetIndication (3Eh)
This command is sent by the ST7580 to notify the host about a reset or a power-on event.
3.3.4
MIB_WriteRequest (08h)
This command is used by the external host to access an object of the MIB.
The ST7580 checks the parameters for validation:
If the check is valid, the object is updated in the database and the ST7580 replies with
a MIB_WriteConfirm (Section 3.3.5).
If the check is not valid, the request is rejected and the ST7580 replies with
a MIB_WriteError (Table 12).
Table 18. BIO_ResetIndication: syntax
Source
Command(Args)
Possible response
ST7580
BIO_ResetIndication(ResetData)
---
Table 19. BIO_ResetIndication: ResetData
Byte
index
Bit
index
Label
Description
0
0 - 1
Reset Cause
0: RESETN pin at low state (Hardware Reset) or Power-ON
1: watchdog
2: BIO_ResetRequest (see Section 3.3.1) command
2
Autoreconfiguration
Error
0: autoreconfiguration correctly occurred
1: autoreconfiguration occurred with errors or at least one among MIB
objects 00h (Modem Config), 01h (PHY Config), 02h (SS Key) hasn't
changed its default value after power-on
3
Autoreconfiguration:
Modem Config Object
Error
0: autoreconfiguration on MIB object 00h (Modem Config) correctly
occurred, if such an object has been written by host through
MIB_WriteRequest command after power-on
1: errors during Autoreconfiguration on MIB object 00h (Modem Config)
or the object hasn't been changed its default value after power-on
4
Autoreconfiguration:
PHY Config Object Error
0: autoreconfiguration on MIB object 01h (PHY Config) correctly
occurred, if such an object has been written by host through
MIB_WriteRequest command after power-on
1: errors during Autoreconfiguration on MIB object 01h (PHY Config) or
the object hasn't been changed its default value after power-on
5
Autoreconfiguration: SS
KeyObject Error
0:autoreconfiguration on MIB object 02h (SS Key) correctly occurred, if
such an object has been written by host through MIB_WriteRequest
command after power-on
1: errors during Autoreconfiguration on MIB object 02h (SS Key) or the
object hasn't been changed its default value after power-on
6 - 7
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com