Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 5Page - STMicroelectronics UM0932 Datasheet HTML 6Page - STMicroelectronics UM0932 Datasheet HTML 7Page - STMicroelectronics UM0932 Datasheet HTML 8Page - STMicroelectronics UM0932 Datasheet HTML 9Page - STMicroelectronics UM0932 Datasheet HTML 10Page - STMicroelectronics UM0932 Datasheet HTML 11Page - STMicroelectronics UM0932 Datasheet HTML 12Page - STMicroelectronics UM0932 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
DocID17385 Rev 3
9/43
UM0932
Functional overview
43
2.2
ST7580 Power line frames: structure
The ST7580 device can be configured by the external host to transmit and receive frames
over the power line in accordance with three different frames structures:
1.
Physical (PHY) frames, built with some differences between PSK and FSK modulations
(see [·]), as represented in Figure 2:
Figure 2. Physical frame structure
Table 2 lists the fields of PHY frame.
2.
Data Link (DL) frames, adding CRC field to physical SDU.
Figure 3 shows the frame structure:
Figure 3. Data link frame structure
The external host is allowed to choose the CRC algorithm used (length, endianness, fields
involved in calculation) through a dedicated MIB object (modem configuration 00h,
Section 4.2.1).
The length field is automatically handled by ST7580 and its value is by default equal to the
length of payload and CRC fields.
Table 2. PHY frame description
Field name
Length
Description and values
Length
1
Payload length. Allowable values: from 0 up to 255
Payload
Length
Data bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com