Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 13Page - STMicroelectronics UM0932 Datasheet HTML 14Page - STMicroelectronics UM0932 Datasheet HTML 15Page - STMicroelectronics UM0932 Datasheet HTML 16Page - STMicroelectronics UM0932 Datasheet HTML 17Page - STMicroelectronics UM0932 Datasheet HTML 18Page - STMicroelectronics UM0932 Datasheet HTML 19Page - STMicroelectronics UM0932 Datasheet HTML 20Page - STMicroelectronics UM0932 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
DocID17385 Rev 3
17/43
UM0932
Host interface
43
3.2.5
Local port arbitration rules
The ST7580 modem is always the communication master. In case of no local transfer, the
ST7580 can initiate a local communication without taking into account the external host
status. On the other hand, when the external host wants to send a local frame, it must first
send a request through the T_REQ (transmitting request) input port. Then the ST7580
answers with a status message allowing or not the reception of a frame (or any other
command).
3.2.6
Frame delimitation
Data coming from the UART serial port are an asynchronous flow of bytes. In order to divide
the bytes flow into a frames flow, the ST7580 communication protocol uses two methods:
length and timeout.
When the number of bytes received reaches the expected frame length, in accordance with
the frame type's characteristics, the frame reception ends.
The time interval between two consecutive characters (two local frames including start and
stop bits) in a local frame must not exceed TIC (timeout inter-character): the receiving part
(ST7580 host interface or external host) no longer accepts any character after this delay
expiration.
Figure 9. Timeout inter character TIC
The timeout inter character (TIC) is set by default at 10 ms after a reset and it can be
modified by writing a dedicated MIB object (host interface timeout 09h, Section 4.2.9).
If the length and the checksum are both correct, the received frame is accepted, otherwise
all previous characters are discarded.
3.2.7
Data communication from the ST7580 to the external host
When the ST7580 needs to transmit a frame to the host, it can directly send it without any
previous request. The local frame is automatically built with an STX value equal to 02h.
If the length and the checksum of the local frame are both correct, the external host
acknowledges with an ACK character. In other cases, it answers with a NAK character.
If one of the following cases is verified on the RXD line:
Negative acknowledgement (NAK)
Any other frame
No frame within TACK interval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com