Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0932 Datasheet HTML 1Page - STMicroelectronics UM0932 Datasheet HTML 2Page - STMicroelectronics UM0932 Datasheet HTML 3Page - STMicroelectronics UM0932 Datasheet HTML 4Page - STMicroelectronics UM0932 Datasheet HTML 5Page - STMicroelectronics UM0932 Datasheet HTML 6Page - STMicroelectronics UM0932 Datasheet HTML 7Page - STMicroelectronics UM0932 Datasheet HTML 8Page - STMicroelectronics UM0932 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
DocID17385 Rev 3
5/43
UM0932
List of tables
43
Table 49.
SS_SnifferIndication: Syntax . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Table 50.
CMD_SyntaxError: Syntax . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Table 51.
CMD_SyntaxError:ErrorData . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Table 52.
Management information base (MIB) objects . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Table 53.
MIB object 00h: MIB_WriteRequest and MIB_ReadRequest data format . . . . . . . . . . . . . 35
Table 54.
MIB object 01h: MIB_WriteRequest and MIB_ReadRequest data format . . . . . . . . . . . . . 35
Table 55.
MIB object 02h: MIB_WriteRequest and MIB_ReadRequest Data format . . . . . . . . . . . . . 40
Table 56.
MIB object 04h: MIB_WriteRequest and MIB_ReadRequest data format . . . . . . . . . . . . . 41
Table 57.
MIB object 05h: MIB_WriteRequest and MIB_ReadRequest data format . . . . . . . . . . . . . 42
Table 58.
MIB object 06h: MIB_WriteRequest and MIB_ReadRequest Data format . . . . . . . . . . . . . 43
Table 59.
MIB object 07h: MIB_WriteRequest and MIB_ReadRequest data format . . . . . . . . . . . . . 43
Table 60.
MIB object 08h: MIB_WriteRequest and MIB_ReadRequest Data format . . . . . . . . . . . . . 44
Table 61.
MIB object 09h: MIB_WriteRequest and MIB_ReadRequest Data format . . . . . . . . . . . . . 44
Table 62.
MIB object 0Ah: MIB_WriteRequest and MIB_ReadRequest data format . . . . . . . . . . . . . 44
Table 63.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com