Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 35Page - STMicroelectronics UM0932 Datasheet HTML 36Page - STMicroelectronics UM0932 Datasheet HTML 37Page - STMicroelectronics UM0932 Datasheet HTML 38Page - STMicroelectronics UM0932 Datasheet HTML 39Page - STMicroelectronics UM0932 Datasheet HTML 40Page - STMicroelectronics UM0932 Datasheet HTML 41Page - STMicroelectronics UM0932 Datasheet HTML 42Page - STMicroelectronics UM0932 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
DocID17385 Rev 3
41/43
UM0932
Management information base (MIB)
43
4.2.8
08h (SS Data)
This object stores counters of power line frames transmitted or received by the ST7580 in
compliance with data link frame features. It can be read or erased only.
4.2.9
09h (host interface timeout)
This object stores the host interface timeout values that the ST7580 can handle (Table 6). It
can be read or written.
4.2.10
0Ah (firmware version)
This object stores the embedded firmware version (ST internal reference). It can be read
only.
Table 60. MIB object 08h: MIB_WriteRequest and MIB_ReadRequest Data format
Byte index
Label
Description
Factory default value
0 – 1
SS valid received
frames counter
Counter of valid received SS frames
(SS_DataIndication number). Unsigned value.
0000h
2 – 3
SS not authentic
received frames
counter
Counter of not authentic received SS frames
(wrong digest). Unsigned value.
0000h
4 – 5
SS malformed received
frames
Counter of malformed received SS frames
(wrong length). Unsigned value.
0000h
6 – 7
SS transmitted frames
counter
Counter of valid transmitted SS frames
(SS_DataConfirm number). Unsigned value.
0000h
8 - 9
SS refused
transmission counter
Counter of refused transmissions on SS frames
(SS_DataError number). Unsigned value.
0000h
Table 61. MIB object 09h: MIB_WriteRequest and MIB_ReadRequest Data format
Byte index
Label
Description and available values
Factory default value
0T SR
T SR timeout value [ms]
200 (C8h)
1T ACK
T ACK timeout value [ms]
40 (28h)
2T IC
T IC timeout value [ms]
10 (0Ah)
Table 62. MIB object 0Ah: MIB_WriteRequest and MIB_ReadRequest data format
Byte index
Label
Description and available values
Factory default value
0 - 3
FW version
FW release number (ST internal reference)
00420097h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com