Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 27Page - STMicroelectronics UM0932 Datasheet HTML 28Page - STMicroelectronics UM0932 Datasheet HTML 29Page - STMicroelectronics UM0932 Datasheet HTML 30Page - STMicroelectronics UM0932 Datasheet HTML 31Page - STMicroelectronics UM0932 Datasheet HTML 32Page - STMicroelectronics UM0932 Datasheet HTML 33Page - STMicroelectronics UM0932 Datasheet HTML 34Page - STMicroelectronics UM0932 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
DocID17385 Rev 3
31/43
UM0932
Host interface
43
If payload field is present, must be greater than or equal to 4
If payload field is not present, must be greater than or equal to 16.
Table 45. SS_DataRequest: RequestData
Byte index
Bit index
Label
Description and available values
0
0
Custom / MIB
frequency
Selection of frequency to use between MIB and custom frequency
0: TX frequency is the high or low frequency as in PHY_Config
(Section 4.2.2) MIB object.
1: TX frequency is specified in bytes [1
 3] (TX frequency).
1
Frequency
overwrite
Selection of PHY_Config MIB object overwrite (Section 4.2.2). This field
is taken into account if the Custom / MIB frequency bit is equal to “1” only.
0: TX frequency expressed in the following bytes (1 – 3) won't overwrite
the frequency in PHY_Config (Section 4.2.2) MIB object
1: TX frequency expressed in the following bytes (1 – 3) overwrites
frequency in PHY_Config (Section 4.2.2) MIB object
2
Frequency
set
Selection of frequency in PHY_Config MIB object
0: TX frequency is the LowFrequency in PHY_Config MIB object
1: TX frequency is the HighFrequency in PHY_Config MIB object
3
Gain selector
Selection of TX gain for frame transmission
0: TX gain set as in PHY Config MIB object (TX gain parameter
(Section 4.2.2)).
1: TX gain is specified in the following TX Gain byte (2 or 4).
4 – 6
Frame
modulation
Modulation of the frame to be transmitted
0: B-PSK
1: Q-PSK
2: 8-PSK
3: B-FSK
4: B-PSK coded
5: Q-PSK coded
6: Reserved
7: B-PSK coded with Peak Noise Avoidance
7
Zero crossing
synchronizati
on
0: Transmission frame starts on any instant
1: Transmission frame start after ZC delay value defined in PHY Config
MIB object (Table 54)
1 - 3
TX frequency
Frequency value (in Hz) that the output signal is modulated around, to be
expressed if “Custom / MIB frequency” bit is equal to “1” only.
4 (or 1)
0 – 4
TX gain
TX gain to be expressed if Gain Selector bit is equal to “1” only.
5 – 7
Unused
5 (or 2 or 4)
Header
length
Length of header field.
If payload is not empty, it must be: 4 = Header Length = Payload length <
226).
If payload is empty, it must be: 16 = Header Length < 226).
6
 231 (or
3
 228,
5
 230)
Header and
payload
Header and payload to be sent (from 0 to 226 byte: Header and Payload
to be sent as unique buffer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com