Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 14Page - STMicroelectronics UM0932 Datasheet HTML 15Page - STMicroelectronics UM0932 Datasheet HTML 16Page - STMicroelectronics UM0932 Datasheet HTML 17Page - STMicroelectronics UM0932 Datasheet HTML 18Page - STMicroelectronics UM0932 Datasheet HTML 19Page - STMicroelectronics UM0932 Datasheet HTML 20Page - STMicroelectronics UM0932 Datasheet HTML 21Page - STMicroelectronics UM0932 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Host interface
UM0932
18/43
DocID17385 Rev 3
The ST7580 device repeats the frame only once after a delay corresponding to TACK,
changing the STX value to 03h. Acknowledgement to re-transmitted frames is considered
positive by default, even if the host controller answers with a negative acknowledgement.
Figure 10. Data flow from ST7580 to the external host
3.2.8
Data communication from external host to the ST7580
When the external host needs to initiate a data transfer to the ST7580, it must set the
T_REQ signal at low level. As soon as the ST7580 is not busy, it answers with the status
message confirming or not the data channel availability.
If the communication is possible, the external host can start sending a local frame (built with
STX field equal to 02h) within the TSR delay. The T_REQ signal is set to high logic value as
soon as the STX field of the local frame (see Section 3.2.2) has been sent. If the first byte of
the local frame is not received before the TSR delay, the ST7580 ignores it.
Figure 11. Data flow from external host to the ST7580
At the end of the data reception on the RXD line, the ST7580 sends an acknowledgement
message on the TXD line to inform about the status of the transmission (ACK or NAK) within
a TACK interval.
If the length and the checksum of the local frame are both correct, the ST7580
acknowledges with an ACK character. In other cases, it answers with a NAK character.
In case of a NAK response or no acknowledgement from the ST7580 within the TACK
time-out, a complete sequence must be restarted to repeat the communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com