Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 31Page - STMicroelectronics UM0932 Datasheet HTML 32Page - STMicroelectronics UM0932 Datasheet HTML 33Page - STMicroelectronics UM0932 Datasheet HTML 34Page - STMicroelectronics UM0932 Datasheet HTML 35Page - STMicroelectronics UM0932 Datasheet HTML 36Page - STMicroelectronics UM0932 Datasheet HTML 37Page - STMicroelectronics UM0932 Datasheet HTML 38Page - STMicroelectronics UM0932 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
DocID17385 Rev 3
35/43
UM0932
Management information base (MIB)
43
4.2
MIB parameters
In this section all the MIB object is described in detail.
4.2.1
00h (Modem configuration)
This object stores the setting used to functionally configure the modem. It can be read or
written.
4.2.2
01h (PHY layer configuration)
This object stores the settings used to configure the modem at physical layer. It can be read
or written.
Table 53. MIB object 00h: MIB_WriteRequest and MIB_ReadRequest data format
Byte
index
Bit
index
Label
Description and available values
Factory default value
0
0 – 1
Access mode
Active layer for received frames
0: PHY layer
1: DL layer
2: SS layer
1 (DL layer)
2
Sniffer mode
Sniffer feature on received frames (active on DL and
SS layer only)
0: not active
1: active
0 (not active)
3 - 4
CRC length
CRC length on DL frames
0: 1 byte (CRC-8)
1: 2 byte (CRC-16), big endian
2: 4 byte (CRC-32), little endian
3: 4 byte (CRC-32), big endian
2
5
Reserved
Always equal to 0
0
6
DL CRC on
PHY length
Fields of DL frame (Figure 3) involved in CRC
calculation active on handled DL and SS frames only)
0: CRC calculated over DL payload only
1: CRC calculated over DL payload and PHY length
0
7
Unused
Unused value
0
Table 54. MIB object 01h: MIB_WriteRequest and MIB_ReadRequest data format
Byte
index
Bit
index
Label
Description and available values
Factory default value
0
 2
High frequency
High frequency used for communication [Hz]. Any
value in CENELEC band A, B, C, D.
86000 (014FF0h)
3
 5
Low frequency
Low frequency used for communication [Hz]. Any
value in CENELEC band A, B, C, D.
72000 (011940h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com