Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 57 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 53Page - STMicroelectronics L9663 Datasheet HTML 54Page - STMicroelectronics L9663 Datasheet HTML 55Page - STMicroelectronics L9663 Datasheet HTML 56Page - STMicroelectronics L9663 Datasheet HTML 57Page - STMicroelectronics L9663 Datasheet HTML 58Page - STMicroelectronics L9663 Datasheet HTML 59Page - STMicroelectronics L9663 Datasheet HTML 60Page - STMicroelectronics L9663 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 104 page
background image
DocID028693 Rev 1
57/104
L9663
Communication interface
103
UDB1_X (X = 1…4)
Upstream Data Buffer 1
Address:
001000 (UDB1_1) .. 001011 (UDB1_4)
Type:
R/W
Description:
UDB2_X (X = 1…4)
Upstream Data Buffer 2
Address:
001100 (UDB2_1) .. 001111 (UDB2_4)
Type:
R/W
Description:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default value:
0000000000000000
R/W
[15:0] UDB1_X (X = 1…4)
The Upstream Data Buffer 1 (4x 16 bits = 64 bits) contains the bits to be sent to sensors as
SYNC pulses on the PSI5 interface 1. The Upstream Data Buffer 1 is formed by the
concatenation of UDB1_1, UDB1_2, UDB1_3 and UDB1_4:UDB1_1 (bits [63:48]), UDB1_2
(bits [47:32]), UDB1_3 (bits [31:16]), UDB1_4 (bits [15:0]). Data are sent on the interface with
LSB first.
If the upstream data buffer is empty (UDBx_BUSY flag is set to '0'), when the trigger source
(SPI, SYNCx pin or timer) is active, a short sync pulse is generated on the interface by default
(independently from tooth gap or pulse width method selection).
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default value:
0000000000000000
R/W
[15:0] UDB2_X (X = 1…4)
The Upstream Data Buffer 2 (4x 16 bits = 64 bits) contains the bits to be sent to sensors as
SYNC pulses on the PSI5 interface 2. The Upstream Data Buffer 2 is formed by the
concatenation of UDB2_1, UDB2_2, UDB2_3 and UDB2_4: UDB2_1 (bits [63:48]), UDB2_2
(bits [47:32]), UDB2_3 (bits [31:16]), UDB2_4 (bits [15:0]). Data are sent on the interface with
LSB first.
If the upstream data buffer is empty (UDBx_BUSY flag is set to '0'), when the trigger source
(SPI, SYNCx pin or timer) is active, a short sync pulse is generated on the interface by default
(independently from tooth gap or pulse width method selection).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com