Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 84 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 80Page - STMicroelectronics L9663 Datasheet HTML 81Page - STMicroelectronics L9663 Datasheet HTML 82Page - STMicroelectronics L9663 Datasheet HTML 83Page - STMicroelectronics L9663 Datasheet HTML 84Page - STMicroelectronics L9663 Datasheet HTML 85Page - STMicroelectronics L9663 Datasheet HTML 86Page - STMicroelectronics L9663 Datasheet HTML 87Page - STMicroelectronics L9663 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 104 page
background image
Communication interface
L9663
84/104
DocID028693 Rev 1
CRC generation is based on the same calculation scheme used for PSI5 sensor data
(generator polynomial g(x)=1+x+x3, initialization value "111") with MSB passed first.
Register Address out on MISO is checked internally with the register decoded address; a
CRC error is generated in case of mismatch (last two bits are inverted)
Figure 27. Operation on internal register (with upstream data buffer)
Figure 28. Init data reading
Sensor data Reading:
Timeslot coding: Timeslot1=001, …, timeslot6=110
SID and Gbit are supported only for 10 - 16 bit and enabled by 1 single configuration bit =
GCR1(2)
Two kinds of transfer are possible:
1.
No SID, payload ≤ 20 bit; SID and GBIT, payload ≤ 16 bit: one transfer needed
2.
No SID, payload > 20 bit: two transfers are needed.
In case 1) the L/H bit must be L (0); if a H (1) is requested on a sensor which fits in 1 SPI
frame a SPIE is generated and a CRC error is generated.
In case 2) the device expects a sequence H - L on the L/H bit to transmit first the MSB part
of the data and then the LSB. If the sequence is not the one above, a SPI error is generated
and a CRC error is generated.
To guarantee a safe communication with two SPI transfers:
if CRC is the one from the sensor (GCR1(1)=0) , CRC is the same on both transfers
and it's the one from the sensor;
if CRC is calculated on SPI (GCR1(1)=1), CRC is calculated over bits 26:3 in each
frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com