Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 8Page - STMicroelectronics L9663 Datasheet HTML 9Page - STMicroelectronics L9663 Datasheet HTML 10Page - STMicroelectronics L9663 Datasheet HTML 11Page - STMicroelectronics L9663 Datasheet HTML 12Page - STMicroelectronics L9663 Datasheet HTML 13Page - STMicroelectronics L9663 Datasheet HTML 14Page - STMicroelectronics L9663 Datasheet HTML 15Page - STMicroelectronics L9663 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 104 page
background image
Overall description
L9663
12/104
DocID028693 Rev 1
10
GND1
Ground return for PSI5 interface (analog
ground and substrate ground)
supply
local
11
PSI1
PSI5 Interface 1
I/O
global
12
VAS
PSI5 Interface pre-regulated voltage supply
supply
local
13
NC(2)
--
-
14
PSI2
PSI5 Interface 2
I/O
global
15
GND2
Ground return for PSI5 interface (analog
ground and substrate ground)
supply
local
16
BL2
Bootstrap capacitor pin 2, transceiver 2
I/O
local
17
BH2
Bootstrap capacitor pin 1 or SYNC voltage
supply (from ECU), transceiver 2
I/O
local
18
NC(1)
--
-
19
VB
Input voltage supply
supply
global
20
VASSUP
VAS pre-regulator and charge pump voltage
supply
supply
global
21
VGS
Gate driver for VAS pre-regulator
I/O
local
22
NC2
--
-
23
MOSI
SPI input
I
local
24
SCLK
SPI Clock
I
local
25
CS
SPI Chip Select
I
local
26
RESETN
Reset
I
local
27
TM
Test-mode pin(3)
I
local
28
NC(2)
--
-
29
VINTD
Internal digital supply voltage
supply
local
30
DGND
Digital ground
supply
local
31
VDD
Digital I/O supply
supply
local
32
MISO
SPI output
O
local
1. Not connected internally, must be left open.
2. Not connected internally, it can be left open or connected to GND externally.
3. It must be connected to GND, for safety reasons.
Table 3. TQFP32 pin-out (continued)
Pin
Name
Description
Pin type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com