Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 80 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 76Page - STMicroelectronics L9663 Datasheet HTML 77Page - STMicroelectronics L9663 Datasheet HTML 78Page - STMicroelectronics L9663 Datasheet HTML 79Page - STMicroelectronics L9663 Datasheet HTML 80Page - STMicroelectronics L9663 Datasheet HTML 81Page - STMicroelectronics L9663 Datasheet HTML 82Page - STMicroelectronics L9663 Datasheet HTML 83Page - STMicroelectronics L9663 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 104 page
background image
Communication interface
L9663
80/104
DocID028693 Rev 1
ADVRD6
Advanced Read 6
Address:
110111
Type:
RO
Description:
DEVID
Device Version ID
Address:
111000
Type:
RO
Description:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default value:
----------------
RO
[15:10] RESERVED
[9:0] THRESH2: Threshold current level on PSI5 channel 2 (absolute value)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default value:
----------------
RO
[15:10] RESERVED
[9:0] VER_ID: Device Version ID
Static value for silicon version.
b<9:6>: ST reserved
b<5:3>: mask set reference "000"=A,"001"=B,…
b<2:0>: mask set revision "000"=A,"001"=B,…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com