Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 61 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 57Page - STMicroelectronics L9663 Datasheet HTML 58Page - STMicroelectronics L9663 Datasheet HTML 59Page - STMicroelectronics L9663 Datasheet HTML 60Page - STMicroelectronics L9663 Datasheet HTML 61Page - STMicroelectronics L9663 Datasheet HTML 62Page - STMicroelectronics L9663 Datasheet HTML 63Page - STMicroelectronics L9663 Datasheet HTML 64Page - STMicroelectronics L9663 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 104 page
background image
DocID028693 Rev 1
61/104
L9663
Communication interface
103
CH1_CR2 (PROG)
Channel 1 Configuration Register 2
Address:
010010
Type:
R/W
Description:
– READ_INIT_DATA1='1'
– TSM1_SEL="10" (simple configuration)
– SYNC1_EN='0' (asynchronous mode)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default value:
0000010100010100
R/W
[15:13] RESERVED
[12] CH1_BT1_DIS1: Bootstrap ch1 disable
0: enabled
1: disabled
[11] CH1_CRCP2: Parity or CRC in time slot 2
0: CRC
1: parity
[10:6] CH1_NOB2: Number of data bits in time slot 2
01000: 8 data bits
…
11100: 28 data bits
others: default (20 bit)
[5] CH1_CRCP1: Parity or CRC in time slot 1
0: CRC
1: parity
[4:0] CH1_NOB1: Number of data bits in time slot 1
01000: 8 data bits
…
11100: 28 data bits
others: default (20 bit)
Settings programmed for time slot 1 are automatically applied to the other time slots in case at least one of the
following conditions in CH1_CR1 register is verified:
Although the settings of time slot 1 are automatically applied by the logic to other time slots, these are not written in
corresponding configuration registers: so, reading by SPI the configuration of other time slots (TS2 to TS6) would not
give correct values. In above conditions programming on the other time slots would be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com