Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 32Page - STMicroelectronics L9663 Datasheet HTML 33Page - STMicroelectronics L9663 Datasheet HTML 34Page - STMicroelectronics L9663 Datasheet HTML 35Page - STMicroelectronics L9663 Datasheet HTML 36Page - STMicroelectronics L9663 Datasheet HTML 37Page - STMicroelectronics L9663 Datasheet HTML 38Page - STMicroelectronics L9663 Datasheet HTML 39Page - STMicroelectronics L9663 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 104 page
background image
Satellite interface
L9663
36/104
DocID028693 Rev 1
Besides if a new trigger is sent while the buffer is busy, again the command is ignored and
the fault bit is set.
The buffer register can be reset by writing 0x00FF for channel 1 (respectively 0xFF00 for
channel 2) to the SPI register DCR. After such a reset, the module will flag that it is ready for
new data.
The behaviour of the sync pulse trigger generator then depends on the configuration of the
transceiver IC:
In PSI5 1.3 and 2.x mode (tooth gap method), it will mask out (i.e. ignore) the incoming
sync pulse trigger if the bit is '0'. The resulting gap is defined to be a '0' in the ECU-to-
sensor communication.
In PSI5 2.x mode (pulse length method), it will generate a long sync pulse if the bit is '1'
and a standard sync pulse otherwise.
The transceiver IC provides a transparent interface for ECU-to-sensor communication. This
means that any data in the upstream data buffer will directly be transmitted onto the PSIx
interface. The CRC calculation and data layer handling are done by the microcontroller.
3.5
Trigger pulse generator for synchronous pulses
This module generates the trigger signals for the transceiver interfaces. It has the following
sub-modules:
SPI-programmable sync pulse timer
SPI command triggering
2 pins named SYNC1, SYNC2
The module contains the sync pulse trigger generators (one for each transceiver).
Basic features:
Generates the sync pulse trigger at the configured time intervals
Generates the sync pulse trigger upon the corresponding command via SPI or discrete
SYNCx pins.
The trigger pulse generator generates the trigger signal which the sync pulse generator
uses as its input.
The trigger pulse generator has five different configurations, which can be properly selected
via SPI command:
Triggering via SPI without upstream data buffer. The microcontroller sends the
corresponding SPI command for a sync pulse. The sync pulse trigger generator then
internally generates the appropriate sync pulses, based on the specific SPI command
sent.
Triggering via SPI with upstream data buffer. The microcontroller sends the
corresponding SPI command for a sync pulse. Then the sync pulse trigger generator
internally generates the appropriate sync pulses, depending on the value in the
upstream data buffer.
Triggering via SYNCx pins without upstream data buffer. When the SYNCx pin is
triggered, the sync pulse trigger generator internally generates the appropriate sync
pulses, based on the type of trigger (length) received on the input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com