Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 9Page - STMicroelectronics L9663 Datasheet HTML 10Page - STMicroelectronics L9663 Datasheet HTML 11Page - STMicroelectronics L9663 Datasheet HTML 12Page - STMicroelectronics L9663 Datasheet HTML 13Page - STMicroelectronics L9663 Datasheet HTML 14Page - STMicroelectronics L9663 Datasheet HTML 15Page - STMicroelectronics L9663 Datasheet HTML 16Page - STMicroelectronics L9663 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
DocID028693 Rev 1
13/104
L9663
Overall description
103
1.5
Maximum ratings
Within the maximum ratings, no damage to the component shall occur. Exposure to
absolute maximum rated conditions for extended periods may affect device reliability.
All maximum ratings can occur at the same time.
All analog voltages are related to the potential at substrate ground (GND1 and GND2,
internally shorted), all digital voltages are related to DGND.
Operative voltage conditions are specified in Section 6.
Table 4. Pin maximum ratings
Symbol
Description
Min
Max
Unit
Power supply
VB, VASSUP Input voltage range
-0.3
40
V
VAS
Pre-regulated voltage range
-0.3
40
V
VDD
Supply voltage range for digital I/O pins
-0.3
6.5
V
VINTD
Internal digital supply voltage
-0.3
4.6
V
BHx, BLx
Voltage range of bootstrap capacitor or SYNC
voltage supply (from ECU)
-0.3
40
V
Other pins
PSI1, PSI2 Voltage of sensor interface
-1.5
40
V
VGS
Pre-regulator gate voltage range
-0.3
40
V
RESETN
Reset input pin range
-0.3
6.5
V
TM
Test mode input pin range
-0.3
6.5
V
CLKIN
Clock input pin range
-0.3
6.5
V
CS, SCLK,
MOSI
SPI communication pin range
-0.3
6.5
V
MISO
SPI communication pin range
-0.3
VDD+0.3≤6.5
V
DOUT1,
DOUT2
Direct interface pin range
-0.3
VDD+0.3≤6.5
V
SYNC1,
SYNC2
Sync pulse trigger input range
-0.3
6.5
V
ESD robustness
-
ESD according to Human Body Model (HBM),
Q100-002 for pins PSIx, VB, VASSUP;
(100 pF/1.5 kΩ)
±4000
-
V
-
ESD according to Human Body Model (HBM),
Q100-002 for all other pins; (100 pF/1,5 kΩ)
±2000
-
V
-
ESD according to Charged Device Model (CDM),
Q100-011 Corner pins
±750
-
V
-
ESD according to Charged Device Model (CDM),
Q100-011 Non-corner pins
±500
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com