Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 15Page - STMicroelectronics L9663 Datasheet HTML 16Page - STMicroelectronics L9663 Datasheet HTML 17Page - STMicroelectronics L9663 Datasheet HTML 18Page - STMicroelectronics L9663 Datasheet HTML 19Page - STMicroelectronics L9663 Datasheet HTML 20Page - STMicroelectronics L9663 Datasheet HTML 21Page - STMicroelectronics L9663 Datasheet HTML 22Page - STMicroelectronics L9663 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 104 page
background image
DocID028693 Rev 1
19/104
L9663
Power supply
103
Figure 9. VAS application diagram
When POR is active, the VGS output pin is driven low to keep external N-ch switched off.
The VAS pre-regulator is automatically activated with a soft start at POR and automatically
switched off, after a filter time, if VAS falls below VVASU_off. It can be later controlled off or on
by means of a dedicated VAS_EN bit. To protect the external component from exceeding
maximum allowed gate to source voltage if VAS is shorted to ground by a fault, an internal
passive clamp is implemented on VGS.
The integrated charge pump, supplied by VASSUP, assures proper voltage regulation in
case of low voltage conditions. It is automatically switched off in case the voltage on VASSUP
is high enough to allow proper regulation.
If the pre-regulator is not needed, the VAS_EN bit can be set to '0' to switch off the pre-
regulator itself. The pin VGS can be left open, and the VAS pin directly connected to the
regulated voltage in the ECU.
The pre-regulator is active independently of RESETN input pin if the supply voltage of the
internal analog/digital circuits is available.
2.3
Voltage supply for synchronous pulse generation VSYNCx
To use synchronous PSI5 sensors and for ECU-to-sensor communication, the transceiver
IC needs to generate synchronization pulses. These require a voltage which is higher than
VAS.
This module generates the necessary voltage VSYNCx by two bootstrap circuits. Two
capacitors with two transceiver IC pins each are used as external components of this
module.
The bootstrap blocks start pre-charging the external capacitors after POR (with a 2 ms time
gap between the first and second block).
The bootstrap circuits are enabled by default, activated by internal logic with timing sync
pulses dependent, and can be disabled later on through a dedicated SPI command. The
bootstrap block can recharge the capacitor so that subsequent sync pulses are allowed with
a minimum period of 200 μs.
A useful option is the possibility to connect the BHx pin directly to a high voltage rail. In this
configuration, VB has also to be connected to the same high voltage rail and the bootstrap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com