Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 90 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 86Page - STMicroelectronics L9663 Datasheet HTML 87Page - STMicroelectronics L9663 Datasheet HTML 88Page - STMicroelectronics L9663 Datasheet HTML 89Page - STMicroelectronics L9663 Datasheet HTML 90Page - STMicroelectronics L9663 Datasheet HTML 91Page - STMicroelectronics L9663 Datasheet HTML 92Page - STMicroelectronics L9663 Datasheet HTML 93Page - STMicroelectronics L9663 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 104 page
background image
Electrical characteristics
L9663
90/104
DocID028693 Rev 1
Table 15. VSYNCx
Symbol
Parameter / Condition
Min
Typ
Max
Unit
VCBclamp
Voltage limitation on CB
V(BHx)-V(BLx)
––8
V
VCBov
VB over voltage threshold for bootstrap disabling
18
–
21
V
tch_ini
Initial time interval necessary to charge CB =
10μF from 0V to 4V@VB = 4.8V
––2
ms
tch
Recharge time for bootstrap capacitor
min. sync pulse amplitude = 2.5 V; all sync pulses
are long (for logical 1, pulse width); VB = 5.2 V.
––
130
μs
tch_reset1
Start of CB1 charging after release of internal
POR
––1
μs
tch_reset2
Delay between start of CB2 charging with respect
to start of CB1 charging (staggered charging)
–2–
ms
VB
VB voltage for full functionality
5.2
–
35
V
VB
VB voltage for full functionality (low power mode)
4.8
–
5
V
CBx
Capacitor value
5
10
15
μF
Table 16. PSI5 output supply
Symbol
Parameter / Condition
Min
Typ
Max
Unit
IPSIx
Interface quiescent current (standard
current)
-19
–
-4
mA
IPSIx
Interface quiescent current (extended
current)
-35
–
-4
mA
IPSIx
Interface quiescent current (extended+
current)
-45
–
-4
mA
VPSIx,max
Max. output voltage excluding sync.
pulse (internal regulation, VAS=16V)
––
11
V
VPSIxsync,max
Max. output voltage including sync.
pulse (internal regulation, VAS=16V)
–
–
16.5
V
ISTG
Static short to ground current limitation
for each transceiver output PSIx
-130
–
-80
mA
tIfilt
Filter time for current limitation
detection
128
–
–
μs
tIblank
Blanking time on current limitation
detection (active at PSIx output start-
up in addition to the filter time)
Selectable by SPI: 128 μs/5ms/10ms
128
–
–
μs
RINT
Internal resistance of complete path
(from input pin VAS to output pin PSIx,
Iload=<75mA) VAS from
4
–
8.5
W
TOT
Over temperature detection
175
–
200
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com