Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 28Page - STMicroelectronics L9663 Datasheet HTML 29Page - STMicroelectronics L9663 Datasheet HTML 30Page - STMicroelectronics L9663 Datasheet HTML 31Page - STMicroelectronics L9663 Datasheet HTML 32Page - STMicroelectronics L9663 Datasheet HTML 33Page - STMicroelectronics L9663 Datasheet HTML 34Page - STMicroelectronics L9663 Datasheet HTML 35Page - STMicroelectronics L9663 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 104 page
background image
Satellite interface
L9663
32/104
DocID028693 Rev 1
If a channel fault occurs, the content of every sensor buffer is affected regardless the
moment inside the timeslots cycle in which the fault occurs. This value will be held until the
fault is cleared (reading the appropriate bit in the Status Register) or a fault with higher
priority occurs.
In asynchronous communication mode a six stages FIFO is implemented: the newest data
is always in the data buffer range corresponding to sensor no. 1, the oldest data is in the
data buffer range corresponding to sensor no. 6. When the buffer is full, the FIFO shifts the
incoming data to keep always the newest data. As soon as the first data is read by SPI, the
FIFO will be locked to writing, until it is emptied(e). This situation is reported through SPI bit
FIFO_LCK.
Figure 17. Sensor buffer in asynchronous mode diagram
If a fault occurs and FIFO is unlocked, the correspondent code is written in the FIFO buffer
at the current position; if more than one fault occurs at the same time the fault with the
highest priority is written in the FIFO.
In both synchronous and asynchronous mode, when a valid data is read, the buffer empty
code 1F0 is written in the buffer.
e. For the lock of the FIFO see errata n.1526, Section 7: Errata.
Table 8. Time (t0-t7) vs SensorData
Time/Sensor
t0
t1
t2
t3
t4
t5
t6
t7
SensorData1
Buffer Empty
D1
D2
D3
D4
D5
D6
D7
SensorData2
Buffer Empty
Buffer
Empty
D1
D2
D3
D4
D5
D6
SensorData3
Buffer Empty
Buffer
Empty
Buffer
Empty
D1
D2
D3
D4
D5
SensorData4
Buffer Empty
Buffer
Empty
Buffer
Empty
Buffer
Empty
D1
D2
D3
D4
SensorData5
Buffer Empty
Buffer
Empty
Buffer
Empty
Buffer
Empty
Buffer
Empty
D1
D2
D3
SensorData6
Buffer Empty
Buffer
Empty
Buffer
Empty
Buffer
Empty
Buffer
Empty
Buffer
Empty
D1
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com