Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 22Page - STMicroelectronics L9663 Datasheet HTML 23Page - STMicroelectronics L9663 Datasheet HTML 24Page - STMicroelectronics L9663 Datasheet HTML 25Page - STMicroelectronics L9663 Datasheet HTML 26Page - STMicroelectronics L9663 Datasheet HTML 27Page - STMicroelectronics L9663 Datasheet HTML 28Page - STMicroelectronics L9663 Datasheet HTML 29Page - STMicroelectronics L9663 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 104 page
background image
Satellite interface
L9663
26/104
DocID028693 Rev 1
3.2
Manchester decoder and error detection
Basic features:
Detection of start bits "00"
Synchronization with sensor to ECU frame
Manchester decoding according to PSI5 specification (v 1.3 or v 2.x, depending on the
chosen configuration)
The Manchester decoder takes the bit stream which the receiver has as its output and
decodes the incoming data frames from this bit stream.
It can be programmed to measure the period of start bits sent by the sensors and double-
check the timing of the following data bits with respect to the synchronization given by the
start bits or to validate the data bits according to the PSI5 protocol baud rate configured by
the microcontroller. The tolerance for timing checks is 20%: in case of timing error a
Manchester error is reported.
A Manchester Decoder Error occurs if one or more of the following are true:
Start bit error outside of selected operating range
Data length error or stop bit error
Bit time error (a data bit edge is not received inside the expected time window)
Timing violation on slot when standard timeslot monitor is enabled
In case a Manchester error is detected the corresponding error code is set [v. Error codes
table, Section 3.3.2].
3.3
Receive block
This block includes the buffer for incoming sensor data and diagnostic results. It includes:
PSI5 receive registers
Sensor data buffer
Interrupt generation for the microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com