Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 74 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 70Page - STMicroelectronics L9663 Datasheet HTML 71Page - STMicroelectronics L9663 Datasheet HTML 72Page - STMicroelectronics L9663 Datasheet HTML 73Page - STMicroelectronics L9663 Datasheet HTML 74Page - STMicroelectronics L9663 Datasheet HTML 75Page - STMicroelectronics L9663 Datasheet HTML 76Page - STMicroelectronics L9663 Datasheet HTML 77Page - STMicroelectronics L9663 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 104 page
background image
Communication interface
L9663
74/104
DocID028693 Rev 1
ADVSET1 (PROG)
Advanced Settings 1
Address:
101110
Type:
R/W
Description:
Advanced settings for interface 1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default value:
0100010000000000
R/W
[15] STG_MASK: Short to ground does not switch off channel
0: short to ground switches off the channel after filter time
1: short to ground does NOT switch off the channel
[14:11] FIXED_THR_SEL: Fixed threshold setting for PSI5 channel 1
Ibase + 5.5mA + (15-5.5)/16*bits[14:11]mAIbase + 5.5mA + (15-5.5)/[16*bits[14:11]]mA(1)
[10] RESERVED
[9] TRACKING_SEL
0: Standard threshold tracking algorithm (default, recommended)
1: Fast tracking algorithm
[8:7] BLANKING_SEL: Blanking time selector at sensor startup:
00/11 : 128 μs
01 : 5 ms
10: 10 ms
[6:3] DATA_FILT_SEL: Deglitch filter adjust
Baud rate = 189K: filter time = (16 + <DATA_FILT_SEL>) * Tosc
Baud rate = 125K or 83.3K: filter time = (24 + <DATA_FILT_SEL>) * Tosc
Note:Tosc is the period of the 16 MHz oscillator
[2] FREEZE_DIS: Freezing of base current tracking after start bits are detected
0: frozen
1: not frozen
[1] RESERVED
[0] FIXED_THR: Adaptive / fixed threshold
0: adaptive threshold
1: fixed threshold
1. The selectable threshold is in the range: Ibase+5.5 mA to Ibase+14.4 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com