Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 14Page - STMicroelectronics L9663 Datasheet HTML 15Page - STMicroelectronics L9663 Datasheet HTML 16Page - STMicroelectronics L9663 Datasheet HTML 17Page - STMicroelectronics L9663 Datasheet HTML 18Page - STMicroelectronics L9663 Datasheet HTML 19Page - STMicroelectronics L9663 Datasheet HTML 20Page - STMicroelectronics L9663 Datasheet HTML 21Page - STMicroelectronics L9663 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 104 page
background image
Power supply
L9663
18/104
DocID028693 Rev 1
A ceramic capacitor with a typical capacitance of 100 nF is required as a blocking capacitor
close to the pins VDD and VB.
The internal supply voltages VINTD (supply voltage for digital part) and VINTA (supply voltage
for analog part) are monitored for under voltage and over voltage to prevent the transceiver
IC from malfunction. The reference for the voltage monitoring is a bandgap voltage, supplied
by VINTA. The device integrates two separated instances of bandgap voltage regulators; one
of these bandgaps is used as voltage reference for the internal regulators, while the other
one is used for monitoring the voltage levels. In case of under or over voltage, the
transceiver IC is set into reset: outside reset thresholds full functionality is granted.
The functionality of the digital part only depends on the voltages on VINTD. In order to
improve noise emissions and stability of the regulator, the digital supply line needs an
external decoupling 100 nF ceramic capacitor to be connected between VINTD and DGND
and close to them.
DGND ground line is protected against ground loss scenarios. In case DGND line would be
at least DGNDOPEN above the reference ground lines GND1/2, a POR is asserted.
The transceiver IC returns to normal operation with full functionality as soon as the POR is
released.
2.2
VAS supply and pre-regulator
The VAS pre-regulator sets the VAS voltage if no regulated voltage with the necessary value
is available in the ECU.
The pre-regulator is designed for two different regulated voltages at VAS: 5.3 V or 7.6 V,
selectable by a SPI command. The supply of external FET can be chosen at application
level according to the required voltage at VAS pin.
Two possible applications are:
VAS typical of 5.3 V; external FET supplied by ECU internal voltage, typically 6 V .
VAS typical of 7.6 V; external FET directly supplied from battery, from 8 V to 35 V.
Basic features:
Gate control for an external n-ch FET transistor with integrated charge pump stage
Gate control is switched on if no power on reset condition is present
Configurable output voltage: either 5.3 V or 7.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com