Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 12Page - STMicroelectronics L9663 Datasheet HTML 13Page - STMicroelectronics L9663 Datasheet HTML 14Page - STMicroelectronics L9663 Datasheet HTML 15Page - STMicroelectronics L9663 Datasheet HTML 16Page - STMicroelectronics L9663 Datasheet HTML 17Page - STMicroelectronics L9663 Datasheet HTML 18Page - STMicroelectronics L9663 Datasheet HTML 19Page - STMicroelectronics L9663 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 104 page
background image
Overall description
L9663
16/104
DocID028693 Rev 1
1.7
Power up sequence
When VDD is higher than the startup threshold and VB is available the IC is switched on.
To reduce disturbances on its voltage supply, the transceiver IC does a staggered startup of
its internal voltage supplies.
While RESETN is low, the PSIx lines are deactivated to reduce power consumption and to
increase system safety.
The transceiver IC can be configured to operate in the standard current mode (4 mA up to
19 mA) or in the extended current mode (4 mA up to 35 mA). Moreover, both channels can
be configured to allow the extension to a maximum quiescent current of 45 mA, only in case
of asynchronous mode.
The synchronous sensors send data only after a synchronous pulse is triggered via the
dedicated pin or by SPI.
The following figure shows a power-up example.
Figure 6. Power-up sequence of transceiver IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com