Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 39Page - STMicroelectronics L9663 Datasheet HTML 40Page - STMicroelectronics L9663 Datasheet HTML 41Page - STMicroelectronics L9663 Datasheet HTML 42Page - STMicroelectronics L9663 Datasheet HTML 43Page - STMicroelectronics L9663 Datasheet HTML 44Page - STMicroelectronics L9663 Datasheet HTML 45Page - STMicroelectronics L9663 Datasheet HTML 46Page - STMicroelectronics L9663 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 104 page
background image
DocID028693 Rev 1
43/104
L9663
Diagnosis
103
The PSIx lines (sensor supply lines) are monitored for under voltage if the PSIx line is
switched on.
The current status of the under voltage comparators is shown in the SPI register SR2.
The logical state of the voltage comparator is debounced internally by a filter.
While any reset is active (POR, RESETN or SW_RESET), the PSIx lines are switched off.
After reset is released, the failure bits are reset and the voltage supply at PSIx lines kept off.
4.3
PSIx short circuit detection
The short circuit monitoring detects a short of the sensor supply line PSIx to GND, limits the
current to ISTG (max 130mA) for tIfilt and then switches off the affected PSIx line.
Basic features:
Short to ground circuit monitoring with filter time
Automatic deactivation of the PSIx line in case of a short to GND
Readable via SPI
The PSIx lines (sensor supply lines) are monitored to detect a short circuit to GND if the
PSIx line is switched on. In this case, the corresponding fault SPI bit STGx in SR2 register
is set to '1' and the PSIx line is switched off (the status of the interfaces is reported in SR3
register). The fault bit is latched and cleared only when a SPI switch off command for
confirmation is sent on the line that was under short to ground condition. The current status
(on/off) of the PSI interfaces can be read via SPI.
The line can be switched on again by switching off and on via SPI.
The logical state of the short to ground monitoring is debounced internally by a filter. The
monitoring is deactivated during a configurable blanking time after startup of the interface.
This time is selectable through BLANKING_SEL parameter in SPI register ADVSET1
(default value is 128 μs)
During reset is active, the PSIx lines are switched off. After reset is released, the failure bits
are reset and the voltage supply at PSIx lines can be switched on by SPI command. It is
possible to reset the transceiver IC by sending an SPI command (SW Reset).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com