Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 97 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 93Page - STMicroelectronics L9663 Datasheet HTML 94Page - STMicroelectronics L9663 Datasheet HTML 95Page - STMicroelectronics L9663 Datasheet HTML 96Page - STMicroelectronics L9663 Datasheet HTML 97Page - STMicroelectronics L9663 Datasheet HTML 98Page - STMicroelectronics L9663 Datasheet HTML 99Page - STMicroelectronics L9663 Datasheet HTML 100Page - STMicroelectronics L9663 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 104 page
background image
DocID028693 Rev 1
97/104
L9663
Electrical characteristics
103
tLatency_ DOUTx_MF_IIR
Latency time between receiving sensor data @
PSIx pin and reaching threshold high level of
DOUTx pin (trigger point: 80% of PSIx
modulated current, @125kBps or 83.3kBps,
deglitch filter with default value.
-
-
3.6
μs
tdeglitch
Additional delay on DOUTx for deglitch filter
configuration by SPI (DATA_FILT_SEL bits with
value from “0000” to “1111”)
--
1
μs
tLatency_Jitter_ DOUTx
Latency jitter between receiving sensor data @
PSIx pin and reaching threshold high level of
DOUTx pin (trigger point: 80% of PSIx
amplitude)
-
-
125
Ns
Table 26. Direct interface (continued)
Symbol
Parameter / Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com