Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 50 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 46Page - STMicroelectronics L9663 Datasheet HTML 47Page - STMicroelectronics L9663 Datasheet HTML 48Page - STMicroelectronics L9663 Datasheet HTML 49Page - STMicroelectronics L9663 Datasheet HTML 50Page - STMicroelectronics L9663 Datasheet HTML 51Page - STMicroelectronics L9663 Datasheet HTML 52Page - STMicroelectronics L9663 Datasheet HTML 53Page - STMicroelectronics L9663 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 104 page
background image
Communication interface
L9663
50/104
DocID028693 Rev 1
CHCNT
Channel Control
Address:
000010
Type:
R/W
Description:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default value:
0000010001000010
R/W
[15:11] RESERVED
[10] PVAS_EN: Enable / disable VAS regulator
0: disabled
1: enabled
[9:8] SPI_SYNC_TRIG2: SPI SYNC pulse trigger for PSI5 interface 2
00, 11: no SYNC pulse generated
01: short SYNC pulse
10: long SYNC pulse
Notes:
if interface 2 is off, these bits are ignored and no sync pulse is generated bits are evaluated
only once, after writing;
If upstream data buffer is used, both codes "01" and "10" are equivalent. Information on sync
pulse length is provided by the UDB
[7] RESERVED
[6] MASK_SYNC2: SYNC pulse enable / disable for PSI5 interface 2
0: SYNC pulse disabled
1: SYNC pulse enabled (if in synchronous mode, otherwise ignored)
[5] PSI2_EN: Enable PSI5 interface 2
0: interface off
1: interface on
[4:3] SPI_SYNC_TRIG1: SPI SYNC pulse trigger for PSI5 interface 100: no external clock used
00: no SYNC pulse generated
11: no SYNC pulse generated
01: short SYNC pulse
10: long SYNC pulse
Notes:
if interface 1 is off, these bits are ignored and no sync pulse is generated.
if interface 1 is on, these bits are evaluated only once, after writing;
If upstream data buffer is used, both codes "01" and "10" are equivalent. Information on sync
pulse length is provided by the UDB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com