Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 27Page - STMicroelectronics L9663 Datasheet HTML 28Page - STMicroelectronics L9663 Datasheet HTML 29Page - STMicroelectronics L9663 Datasheet HTML 30Page - STMicroelectronics L9663 Datasheet HTML 31Page - STMicroelectronics L9663 Datasheet HTML 32Page - STMicroelectronics L9663 Datasheet HTML 33Page - STMicroelectronics L9663 Datasheet HTML 34Page - STMicroelectronics L9663 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 104 page
background image
DocID028693 Rev 1
31/104
L9663
Satellite interface
103
In case of sensor or channel fault conditions, the following codes are sent in the first 10 bits
of the data field. The lower 10 bits are filled with '0'.
If more than one data is present, the faults are handled with this priority scale:
In synchronous communication mode each sensor (time slot) has its own range in the data
buffer. The buffer range content is overwritten if new data arrives before the old data has
been read out.
SensorData5
Buffer Empty
D51
D52
SensorData6
Buffer Empty
D61
D62
Table 6. Error codes in sensor communication
Error Code
Definition
1FC
Manchester error (non-valid start bits, incorrect number of bits
received, timing violation)
1F8
Parity / CRC error(1)
1. Used only in case the CRC check computation is assigned to the IC (CRC_CK bit set to 1); otherwise the
sensor data will be written in the buffer.
1F1
Physical layer error (short to ground, leakage to GND, over-
temperature, open load)
1F0
Data buffer empty
1F2
Short to battery
1F9
Sync pulse error
Table 7. Faults priority
Priority
Data
Fault type
Code
1 (highest)
Valid data
-
-
2
Over Temperature
channel
1F1
3
Short To Ground
channel
1F1
4
Short To Battery
channel
1F2
5
Leakage To Ground
channel
1F1
6
Open Load
channel
1F1
7
Manchester Error
Sensor related
1FC
8
CRC/Parity Error
Sensor related
1F8
9
Sync Pulse under voltage
(both Slow Vsync detection
and sync UV faults)
channel
1F9
10
Data Buffer Empty
Sensor related
1F0
Table 5. Time (t0-t2) vs SensorData (continued)
Time/Sensor
t0
t1
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com