Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 23Page - STMicroelectronics L9663 Datasheet HTML 24Page - STMicroelectronics L9663 Datasheet HTML 25Page - STMicroelectronics L9663 Datasheet HTML 26Page - STMicroelectronics L9663 Datasheet HTML 27Page - STMicroelectronics L9663 Datasheet HTML 28Page - STMicroelectronics L9663 Datasheet HTML 29Page - STMicroelectronics L9663 Datasheet HTML 30Page - STMicroelectronics L9663 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 104 page
background image
DocID028693 Rev 1
27/104
L9663
Satellite interface
103
3.3.1
PSI5 receive register
This module includes the sensor data storage and diagnostic.
Basic features:
Storage of Sensor data
Error handling
Figure 13. Block diagram of incoming data buffer
PSI5 Receive Register
The transceiver IC has a PSI5 Receive Register for each PSI5 transceiver.
Each PSI5 Receive Register can store up to 28Bit data and up to 3Bit error check (CRC or
parity) for each of the incoming frames. According to the PSI5 powertrain substandard, up to
6 frames can be sent between two synchronous pulses. For every frame, a frame
configuration register is available which defines:
Data Region 8 … 28 bit
CRC or Parity Bit (3 or 1 bit)
Depending on the desired configuration (SPI bit CRC_CK of GCR1 register), the parity/CRC
bits handling can be done in the following ways:
Parity/CRC bits are generated by the sensor; the transceiver IC simply passes
data+parity/CRC bits to the μC via SPI and the μC performs parity/CRC check
Parity/CRC bits are calculated by the transceiver IC and in case of a correct parity
bit/checksum, the payload of the frame is stored in the receive buffer; otherwise, if the
CRC calculation shows a wrong result, the Parity Error code is stored.
The SPI register bit CRC_CK is valid for all sensors of both interfaces.
After all bits have been received the data will be transmitted into the corresponding part of
the receive buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com