Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 92 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 88Page - STMicroelectronics L9663 Datasheet HTML 89Page - STMicroelectronics L9663 Datasheet HTML 90Page - STMicroelectronics L9663 Datasheet HTML 91Page - STMicroelectronics L9663 Datasheet HTML 92Page - STMicroelectronics L9663 Datasheet HTML 93Page - STMicroelectronics L9663 Datasheet HTML 94Page - STMicroelectronics L9663 Datasheet HTML 95Page - STMicroelectronics L9663 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 104 page
background image
Electrical characteristics
L9663
92/104
DocID028693 Rev 1
Figure 30. Sync generator
Table 18. Sync generator
Symbol
Parameter / Condition
Min
Typ
Max
Unit
tw
Trigger signal duration to generate a
short Sync Pulse (std PSI5) (1)
1-
5
μs
Vt2
Voltage increase of sync pulse
normal operation (Ibase ≤ 35 mA,
VB ≥ 4.8 V)
2.5
-
-
V
Vt2
Voltage increase of sync pulse
normal operation (Ibase ≤ 35 mA,
VB ≥ 5.2 V
2.5/3.5
-
-
V
SRrise
Slew rate of rising sync slope
0.43
-
1.5
V/μs
SRfall
Slew rate of falling sync slope
-1.5
-
-
V/μs
t0
Reference time (@ 0.5 V on top of
VCEbase)
-0
-
μs
t1
Sync signal earliest start
Delta current less than 2 mA
-3.25
-
-
μs
t2
Sync signal sustain start (@ Vt2)
-
-
7
μs
t3
Sync signal sustain time (short/long
pulse)
16/43
-
-
μs
tsync_slow
Slow Vsync detection time
10
-
14
μs
t4
Discharge time limit (short/long pulse)
-
-
35/62
μs
tSlot 1 Start
Start of first sensor data word
(short/long pulse)
44/71
-
-
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com