Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 66 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 62Page - STMicroelectronics L9663 Datasheet HTML 63Page - STMicroelectronics L9663 Datasheet HTML 64Page - STMicroelectronics L9663 Datasheet HTML 65Page - STMicroelectronics L9663 Datasheet HTML 66Page - STMicroelectronics L9663 Datasheet HTML 67Page - STMicroelectronics L9663 Datasheet HTML 68Page - STMicroelectronics L9663 Datasheet HTML 69Page - STMicroelectronics L9663 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 104 page
background image
Communication interface
L9663
66/104
DocID028693 Rev 1
CH2_CR1 (PROG)
Channel 2 Configuration Register 1
Address:
011111
Type:
R/W
Description:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default value:
0000000110000001
R/W
[15] PAR: Odd parity bit for register bits [15:0]
[14] RESERVED
[13] VT2_SYNC2_SEL: Sync pulse voltage selector for channel 2
0: 2.5 V (PSI5 ver. 2.x common and low power mode)
1: 3.5 V (PSI5 ver. 2.x common mode only, and PSI5 ver. 1.3)
[12] DOUT2_SEL: Configuration of DOUT2 pin
0: DOUT1 transmits PSI5 data
1: DOUT1 is an interrupt output
[11:10] TSM2_SEL: Time slot monitoring on PSI5 channel 2
00: monitoring disabled
11: monitoring disabled
01: standard monitoring enabled
10: simple monitoring enabled
[9:8] QC2_SEL: Quiescent current limit (extended+ current) on PSI5 interface 2
00: standard current (19 mA)
01: extended current (35 mA)
11: extended current (35 mA)
10: extended+ current (45 mA)
[7] READ_INIT_DATA2: Read sensor initialization data on ch 2
0: init data not stored
1:init data stored in dedicated buffer.
[6:4] NOTS2: Number of time slots on PSI5 interface 2
001: 1 time slot
…
110: 6 time slots
others: default (3 slots)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com