Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 62 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 58Page - STMicroelectronics L9663 Datasheet HTML 59Page - STMicroelectronics L9663 Datasheet HTML 60Page - STMicroelectronics L9663 Datasheet HTML 61Page - STMicroelectronics L9663 Datasheet HTML 62Page - STMicroelectronics L9663 Datasheet HTML 63Page - STMicroelectronics L9663 Datasheet HTML 64Page - STMicroelectronics L9663 Datasheet HTML 65Page - STMicroelectronics L9663 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 104 page
background image
Communication interface
L9663
62/104
DocID028693 Rev 1
CH1_CR3 (PROG)
Channel 1 Configuration Register 3
Address:
010011
Type:
R/W
Description:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default value:
0000010100010100
R/W
[15:12] RESERVED
[11] CH1_CRCP6: Parity or CRC in time slot 6
0: CRC
1: parity
[10:6] CH1_NOB6: Number of data bits in time slot 6
01000: 8 data bits
…
11100: 28 data bits
others: default (20 bit)
[5] CH1_CRCP5: Parity or CRC in time slot 5
0: CRC
1: parity
[4:0] CH1_NOB5: Number of data bits in time slot 5
01000: 8 data bits
…
11100: 28 data bits
others: default (20 bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com