Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 77 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 73Page - STMicroelectronics L9663 Datasheet HTML 74Page - STMicroelectronics L9663 Datasheet HTML 75Page - STMicroelectronics L9663 Datasheet HTML 76Page - STMicroelectronics L9663 Datasheet HTML 77Page - STMicroelectronics L9663 Datasheet HTML 78Page - STMicroelectronics L9663 Datasheet HTML 79Page - STMicroelectronics L9663 Datasheet HTML 80Page - STMicroelectronics L9663 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 104 page
background image
DocID028693 Rev 1
77/104
L9663
Communication interface
103
ADVRD1
Advanced Read 1
Address:
110010
Type:
RO
Description:
[8:7] BLANKING_SEL: Blanking time selector at sensor startup:
00 : 128 μs
11: 128 μs
01: 5 ms
10: 10 ms
[6:3]] DATA_FILT_SEL: Deglitch filter adjust
Baud rate = 189K: filter time = (16 + <DATA_FILT_SEL>) * Tosc
Baud rate = 125K or 83.3K: filter time = (24 + <DATA_FILT_SEL>) * Tosc
Note: Tosc is the period of the 16 MHz oscillator
[2] FREEZE_DIS: Freezing of base current tracking after start bits are detected
0: frozen
1: not frozen
[1] RESERVED
[0] FIXED_THR: Adaptive / fixed threshold
0: adaptive threshold
1: fixed threshold
1. The selectable threshold is in the range: Ibase+5.5 mA to Ibase+14.4 mA.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default value:
----------------
R/W
[15:10] RESERVED
[9:0] BASE1: Base current level on PSI5 channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com