Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 11Page - STMicroelectronics L9663 Datasheet HTML 12Page - STMicroelectronics L9663 Datasheet HTML 13Page - STMicroelectronics L9663 Datasheet HTML 14Page - STMicroelectronics L9663 Datasheet HTML 15Page - STMicroelectronics L9663 Datasheet HTML 16Page - STMicroelectronics L9663 Datasheet HTML 17Page - STMicroelectronics L9663 Datasheet HTML 18Page - STMicroelectronics L9663 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 104 page
background image
DocID028693 Rev 1
15/104
L9663
Overall description
103
The high supply voltage of the IC can be a battery or a regulated voltage provided by the
ECU.
To reduce disturbances on the voltage supply which might have a negative influence on the
PSIx interface and therefore lead to bit errors, a PI filter can be employed in the supply line.
Possible power supply configurations(b) are:
VB, VASSUP connected to VSUP, VAS and VSYNCx generated by the IC with external
components (as in the above figure);
VAS, VB, VASSUP connected to VSUP, VSYNCx generated by bootstrap, no external
MOS, VGS pin open;
VB, VASSUP, BH1, BH2 connected to VSUP, no external capacitors CBx, VAS
generated by IC pre-regulator and external MOS;
VB connected to VSUP, VASSUP connected to 0V (charge pump off), VAS supplied by
an external source and VSYNCx generated by the IC with external components.
The values of the external components RE2_x, CE_x and CL_x are specified in PSI5
standard.
The assumed line model for the PSI5 interface on which the transceiver IC operates is as
follows:
Figure 5. Supply line model for PSI5
b. The high supply voltage VSUP must be in the correct operative range of connected pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com