Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 87 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 83Page - STMicroelectronics L9663 Datasheet HTML 84Page - STMicroelectronics L9663 Datasheet HTML 85Page - STMicroelectronics L9663 Datasheet HTML 86Page - STMicroelectronics L9663 Datasheet HTML 87Page - STMicroelectronics L9663 Datasheet HTML 88Page - STMicroelectronics L9663 Datasheet HTML 89Page - STMicroelectronics L9663 Datasheet HTML 90Page - STMicroelectronics L9663 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 104 page
background image
DocID028693 Rev 1
87/104
L9663
Electrical characteristics
103
6
Electrical characteristics
Table 10. Operating conditions
Symbol
Parameter / Condition(1)
1. Unless otherwise specified.
Min
Typ
Max
Unit
VVB
VB input voltage
4.8
–
35
V
VVASSUP
VASSUP input voltage (in case VAS pre-regulator is
used)
4.8
–
35
V
VVDD
VDD input voltage
3
–
6
V
Tj
Junction temperature
-40
–
175
°C
Table 11. VINTx internal supply
Symbol
Parameter / Condition
Min
Typ
Max
Unit
VDDwu_H
VDD voltage level for power up
2.3
2.5
2.7
V
VDDwu_L
VDD voltage level for power down
1.5
1.8
2.3
V
VINTDuv
VINTD under voltage threshold
2.7
–
2.9
V
VINTDov
VINTD over voltage threshold
3.47
–
3.66
V
VINTAuv
VINTA under voltage threshold
2.97
–
3.13
V
VINTAov
VINTA over voltage threshold
3.47
–
3.66
V
DGNDOPEN
DGND ground loss threshold
GND1 = GND2 = 0
100
200
300
mV
TPOR
Filter time for power on reset output (vintx ov/uv,
dgnd open)
5–
45
μs
TWAKE
Start-up time in no fault conditions (from VDD=3V
to internal power on reset set to ‘1’) (Design info)
–
–
250
μs
IlimVINTD
VINTD current limitation
80
–
150
mA
CVINTD
VINTD filter capacitance (Test info)
60
100
140
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com