Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 91 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 87Page - STMicroelectronics L9663 Datasheet HTML 88Page - STMicroelectronics L9663 Datasheet HTML 89Page - STMicroelectronics L9663 Datasheet HTML 90Page - STMicroelectronics L9663 Datasheet HTML 91Page - STMicroelectronics L9663 Datasheet HTML 92Page - STMicroelectronics L9663 Datasheet HTML 93Page - STMicroelectronics L9663 Datasheet HTML 94Page - STMicroelectronics L9663 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 104 page
background image
DocID028693 Rev 1
91/104
L9663
Electrical characteristics
103
ILTG_std
Leakage to ground detection (standard
current)
-9%
-23
+13%
mA
ILTG_ext
Leakage to ground detection
(extended current)
-9%
-42
+9%
mA
ILTG_ext+
Leakage to ground detection
(extended+ current)
-9%
-54
+9%
mA
IOL
Open load detection
-4
-2.5
-1
mA
VSTB
Short to battery reverse voltage
detection
10
100
mV
tSTB
Short to battery reverse voltage filter
time
7
10
16.5
μs
ISTB
Static reverse current into PSIx pin
VPSIx > VAS
–
–
20
mA
IBO
Base current
Default value of receiver
-9%
15
+9%
mA
IPSIxTH
Trigger point for signal current
threshold (fixed threshold mode,
assuming a nominal programming of
IBO + 6 mA for low power mode, see
ADVSETx(FIXED_THR_SEL))
IBO + 5.14
IBO + 6
IBO + 6.86
mA
Trigger point for signal current
threshold (fixed threshold mode,
assuming a nominal programming of
IBO + 12mA for common mode, see
ADVSETx(FIXED_THR_SEL))
IBO + 10.29 IBO + 12 IBO + 13.71
VPSIxU
PSIx under voltage monitoring
threshold
3.1
3.3
3.5
V
tPSIxU
PSIx under voltage monitoring filter
time
200
–
–
μs
IXCT
PSIx pull down current for cross
coupling test
–32
–
mA
Table 17. PSI5 receiver
Symbol
Parameter / Condition
Min
Typ
Max
Unit
fslow
PSI5 baud rate (slow)
-
83.3
-
kbps
fstd
PSI5 baud rate (standard)
-
125
kbps
ffast
PSI5 baud rate (fast)
-
189
-
kbps
Data frame length (without overhead)(1)
1.
Also 8 bit compatibility according to PSI5 v1.3.
8/10
-
28
bit
Table 16. PSI5 output supply (continued)
Symbol
Parameter / Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com