Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 94 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 90Page - STMicroelectronics L9663 Datasheet HTML 91Page - STMicroelectronics L9663 Datasheet HTML 92Page - STMicroelectronics L9663 Datasheet HTML 93Page - STMicroelectronics L9663 Datasheet HTML 94Page - STMicroelectronics L9663 Datasheet HTML 95Page - STMicroelectronics L9663 Datasheet HTML 96Page - STMicroelectronics L9663 Datasheet HTML 97Page - STMicroelectronics L9663 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 104 page
background image
Electrical characteristics
L9663
94/104
DocID028693 Rev 1
Table 21. Synchronous pulse amplitude monitoring
Symbol
Parameter / Condition
Min
Typ
Max
Unit
VAsync_l
Sync pulse amplitude under voltage monitoring
threshold (if VT2_SYNCx_SEL bit is set to 0) (1)
1.
The sync pulse amplitude and the diagnostic threshold voltage level are referred to the inputs of the
difference amplifier, i.e. VAsync = V(PSIx-VAS).
2
-
2.8
V
VAsyncU
Sync pulse amplitude under voltage monitoring
threshold (if VT2_SYNCx_SEL bit is set to 1)
3.5
-
3.85
V
tAsync_V Filter time for insufficient sync pulse amplitude
-
2
-
μs
Table 22. Time slot monitoring
Symbol
Parameter / Condition
Min
Typ
Max
Unit
tTSM
Resolution of the time slots
-
1
-
μs
Required register size for each time slot
-
12
-
bit
Table 23. Digital I/O
Symbol
Parameter / Condition
Min
Typ
Max
Unit
Vin_High Input high threshold
-
-
2
V
Vin_Low Input low threshold
0.8
-
-
V
Vin_HYS Hysteresis
100
150
-
mV
Iin_pu
Input pull up current (pins CS, MOSI, SCLK)
-30
-45
-60
μA
Iin_pd
Input pull down current (pins SYNC1, SYNC2,
CLKIN)
30
45
60
μA
Vout_High Output high level (Isource = 2 mA)
VDD-0.4
-
VDD
V
Vout_Low Output low level (Isink = 2 mA)
-
-
0.4
V
Table 24. Frequency references
Symbol
Parameter / Condition
Min
Typ
Max
Unit
fCLK
Internal oscillator frequency (FLL
disabled)
15.2
16
16.8
MHz
fCLK
Internal oscillator frequency (FLL enabled,
normal CLKIN frequency)
15.84
16
16.16
MHz
fCLKIN-normal
Normal CLKIN input frequency (1MHz or
4MHz) (Test info)
-0.5%
1 / 4
+0.5%
MHz
tT_CKMSK
FLL Mask time
-
-
16
ms
tT_CKERD
Clock error detection time (if FLL is
enabled and CLKIN is stuck)
-
-
260
μs
treaction
Clock error reaction time (if bit
REACTTIME=1)
-20-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com