Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 37Page - STMicroelectronics L9663 Datasheet HTML 38Page - STMicroelectronics L9663 Datasheet HTML 39Page - STMicroelectronics L9663 Datasheet HTML 40Page - STMicroelectronics L9663 Datasheet HTML 41Page - STMicroelectronics L9663 Datasheet HTML 42Page - STMicroelectronics L9663 Datasheet HTML 43Page - STMicroelectronics L9663 Datasheet HTML 44Page - STMicroelectronics L9663 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 104 page
background image
DocID028693 Rev 1
41/104
L9663
Satellite interface
103
Master Mode
Short to battery test
Enable PSI1 channel
Wait for a 512 μs time in order to reach steady state condition (short to ground
and overcurrent masked in this phase)
Check psi1_stb='0': in case psi1_stb='1' the fault flag is asserted and the channel
1 is not involved in the following tests
Switch off PSI1 channel and switch on IXCT pull down current for a 128 μs time on
PSI1 interface
Once PSI5 line is supposed to be discharged (128 μs time elapsed), pull-down
current is switched OFF
Enable PSI2 channel
Repeat the above flow for PSI2 channel
X coupling test phase 1 (only if channel 1 was not excluded in previous short to battery
test)
Enable PSI1 channel, PSI2 channel switched off
Wait for 512 μs time in order to reach steady state condition and allow PSI under
voltage filter time to elapse (short to ground and overcurrent masked in this phase)
Check psi1_uv='0' and psi2_uv='1': in case of psi1_uv='1' a short to GND on PSI1
is detected while in case psi2_uv='0' a cross coupling is detected and XCT2_R bit
is set (h)
Switch off PSI1 channel and switch on IXCT pull down current for a 128 μs time
Once PSI5 line is supposed to be discharged (128 μs time elapsed), pull-down
current is switched off.
X coupling test phase 2 (only if channel 2 was not excluded in previous short to battery
test)
Enable PSI2 channel, PSI1 channel switched off
Wait for 512us time in order to reach steady state condition and allow PSI under
voltage filter time to expire (short to ground and overcurrent masked in this phase)
Check psi2_uv='0' and psi1_uv='1': in case of psi2_uv='1' a short to GND on PSI2
is detected while in case psi1_uv='0' a cross coupling is detected and XCT1_R bit
is set
Switch off PSI2 channel and switch on IXCT pull down current for a 128 μs time
Once PSI5 line is supposed to be discharged (128 μs time elapsed), pull-down
current is switched off
Short to battery test in master mode is executed in two phases for the two channels to avoid
enabling simultaneously PSIx interfaces and avoid overloading ECU supply line.
Cross coupling test in master mode stops automatically when the time required by this test
is elapsed. Cross coupling test in slave mode can be stopped with "Abort cross coupling
test" command; only in this case, the flag "cross-coupling test aborted" is not set, because
this is not a faulty condition.
h. Cross coupling test flags swapped in master mode, see errata n.1830, Section 7: Errata.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com