Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 18Page - STMicroelectronics L9663 Datasheet HTML 19Page - STMicroelectronics L9663 Datasheet HTML 20Page - STMicroelectronics L9663 Datasheet HTML 21Page - STMicroelectronics L9663 Datasheet HTML 22Page - STMicroelectronics L9663 Datasheet HTML 23Page - STMicroelectronics L9663 Datasheet HTML 24Page - STMicroelectronics L9663 Datasheet HTML 25Page - STMicroelectronics L9663 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 104 page
background image
Power supply
L9663
22/104
DocID028693 Rev 1
2.5
Frequency references
The device comes with an integrated accurate oscillator, used for any of the internal
circuitry, with no need of external connections or components. The nominal clock frequency
is 16 MHz with a ±5% accuracy.
Should the application need some more accurate timing reference, a discrete pin CLKIN is
provided. An external clock reference can be connected to this pin. The PSI5 transceiver IC
offers an integrated FLL module that tracks this input to provide a high accurate clock
reference (±1%). This feature can be used especially if accurate timeslot control needs to be
achieved.
External signal on CLKIN can be configured as follows (see CLKIN_CFG bits in GCR1 SPI
register):
1 MHz square signal
4 MHz square signal
No signal (Not connected pin)
Pin CLKIN can be grounded when not used. The pin input circuit implements a pull-down
structure.
The FLL module tracking the CLKIN signal is off by default.
The PSI5 transceiver IC implements a safety function for monitoring the device clock
reference, both in case it is derived from the CLKIN signal through the FLL module or
internally generated. In the first condition the monitoring is always activated, while in the
second condition it can be enabled by programming in ST (storing a '1' in a dedicated
OTP(c) bit) and another oscillator generator is used for monitoring.(d)
When the CLKIN_CFG is set, the FLL tries to close the LOOP and a mask counter of
T_CKMSK (16 ms MAX) is used to count the maximum transient time.
During this time, regardless the CLK frequency the CKER_DETECT is masked, i.e the
device doesn't detect a clock error.
After this time, if the CLKIN frequency is in the correct range, the loop is closed and the CLK
frequency is inside the 1% tolerance; if the CLKIN frequency is outside the malfunction
detecting range, a clock error is detected after a detection time T_CKERD, the device is
reset and the CLK_FLT is set so that the μC can read the reset source.
The T_CKERD and the transient during detection time depend on the CLKIN frequency
behavior; the figure below shows the behavior of the internal oscillator as function of the
external one.
c. One Time Programmable bit: it can be programmed by ST only.
d. For clock error detection by internal monitor oscillator see errata n.3367, Section 7: Errata.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com