Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 21 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 21 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 17Page - Microchip Technology EMC2103 Datasheet HTML 18Page - Microchip Technology EMC2103 Datasheet HTML 19Page - Microchip Technology EMC2103 Datasheet HTML 20Page - Microchip Technology EMC2103 Datasheet HTML 21Page - Microchip Technology EMC2103 Datasheet HTML 22Page - Microchip Technology EMC2103 Datasheet HTML 23Page - Microchip Technology EMC2103 Datasheet HTML 24Page - Microchip Technology EMC2103 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
DS0005250A-page 21
 2013 Microchip Technology Inc.
Note: The shaded columns represent data sent from the EMC2103 to the EEPROM device.
APPLICATION NOTE: It is recommended that the EEPROM that is used be an AT24C02B or equivalent device.
The EEPROM slave address must be 1010_000xb. The device must support a block-read
command, 8-bit addressing, and 8-bit data formatting using a 2-wire bus. The device must
support 3.3V digital switching logic and may not pull the SMCLK and SMDATA pins above
5V. Data must be transmitted MSB first.
APPLICATION NOTE: No other SMBus Master should exist on the SMDATA and SMCLK lines. The presence of
another SMBus Master will cause errors in reading from the EEPROM.
The EEPROM should be loaded to mirror the register set of the EMC2103 with the desired
configuration set. All undefined registers in the EMC2103 register set should be loaded with 00h in the
EEPROM. Likewise, all registers that are read-only in the EMC2103 register set should be loaded with
00h in the EEPROM.
Because of the interaction between the Fan Control Look-up Tables and the Fan Configuration
Register, the EEPROM Loader stores the contents of the Fan Configuration Registers and updates
these registers at the end of the EEPROM loading cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com