Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 1 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 1 Page - Microchip Technology

  EMC2103 Datasheet HTML 1Page - Microchip Technology EMC2103 Datasheet HTML 2Page - Microchip Technology EMC2103 Datasheet HTML 3Page - Microchip Technology EMC2103 Datasheet HTML 4Page - Microchip Technology EMC2103 Datasheet HTML 5Page - Microchip Technology EMC2103 Datasheet HTML 6Page - Microchip Technology EMC2103 Datasheet HTML 7Page - Microchip Technology EMC2103 Datasheet HTML 8Page - Microchip Technology EMC2103 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
 2013 Microchip Technology Inc.
DS0005250A-page 1
Datasheet
PRODUCT FEATURES
EMC2103
RPM-Based Fan Controller with
Hardware Thermal Shutdown
General Description
The EMC2103 is an SMBus compliant fan controller with
up to up to 3 external and 1 internal temperature
channels. The fan driver can be operated using two
methods each with two modes. The methods include an
RPM based Fan Speed Control Algorithm and a direct
PWM drive setting. The modes include manually
programming the desired settings or using the internal
programmable temperature look-up table to select the
desired setting based on measured temperature.
The temperature monitors offer ±0.5°C accuracy (for
external diodes) with sophisticated features to reduce
errors introduced by series resistance and beta variation
of substrate thermal diode transistors commonly found
in processors.
The EMC2103 also includes a hardware programmable
temperature limit and dedicated system shutdown
output for thermal protection of critical circuitry.
Applications
Notebook Computers
Projectors
Graphics Cards
Industrial and Networking Equipment
Features
Programmable Fan Control circuit
4-wire fan compatible
High and low frequency PWM
RPM based fan control algorithm
2.5% accuracy from ~500RPM to 16k RPM
Detects fan aging and variation
Temperature Look-Up Table
— Allows programmed fan response to temperature
Controls fan speed or PWM drive setting
— Allows externally set temperature data to drive fan
Supports DTS data from CPU
Up to Three External Temperature Channels
(EMC2103-2 and EMC2103-4 only)
Supports 45nm, 60nm, and 90nm CPU diodes
— Automatically detects and supports CPUs requiring BJT
or Transistor models
Resistance error correction
Supports discrete transistors (i.e. 2N3904)
±0.5°C accurate (60°C to 125°C)
0.125°C resolution
Hardware Programmable Thermal Shutdown
Temperature
Cannot be altered by software
65°C to 127°C Range
Programmable High and Low Limits for all channels
Internal Temperature Monitor
±1°C accuracy
0.125°C resolution
3.3V Supply Voltage
SMBus 2.0 Compliant
SMBus Alert compatible
Two dedicated GPIOs (EMC2103-2 and EMC2103-4
only)
Available in 12-pin, QFN RoHS Compliant Package
(EMC2103-1) or 16-pin, QFN RoHS Compliant
Package (EMC2103-2 and EMC2103-4)


Similar Part No. - EMC2103

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2103 SMSC-EMC2103 Datasheet
1Mb / 84P
RPM-Based Fan Controller with HW Thermal Shutdown
logo
Microchip Technology
EMC2103-1 MICROCHIP-EMC2103-1 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
EMC2103-1 MICROCHIP-EMC2103-1 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
logo
SMSC Corporation
EMC2103-1-KP SMSC-EMC2103-1-KP Datasheet
1Mb / 84P
RPM-Based Fan Controller with HW Thermal Shutdown
EMC2103-1-KP-TR SMSC-EMC2103-1-KP-TR Datasheet
293Kb / 9P
RPM-Based Fan Controller with Hardware Thermal Shutdown
More results

Similar Description - EMC2103

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2106 SMSC-EMC2106 Datasheet
1Mb / 106P
Dual RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
EMC2105 SMSC-EMC2105 Datasheet
1Mb / 90P
RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
EMC2104 SMSC-EMC2104 Datasheet
1Mb / 101P
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
EMC2113 SMSC-EMC2113 Datasheet
1Mb / 85P
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
logo
Microchip Technology
EMC2113 MICROCHIP-EMC2113_13 Datasheet
1Mb / 88P
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC2106 SMSC-EMC2106_09 Datasheet
2Mb / 106P
Dual RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
EMC2105 SMSC-EMC2105_09 Datasheet
1Mb / 89P
RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
EMC2104 SMSC-EMC2104_11 Datasheet
1Mb / 99P
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
EMC2112 SMSC-EMC2112 Datasheet
930Kb / 65P
RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
EMC2103DB SMSC-EMC2103DB Datasheet
293Kb / 9P
RPM-Based Fan Controller with Hardware Thermal Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com