Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 79 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 79 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 75Page - Microchip Technology EMC2103 Datasheet HTML 76Page - Microchip Technology EMC2103 Datasheet HTML 77Page - Microchip Technology EMC2103 Datasheet HTML 78Page - Microchip Technology EMC2103 Datasheet HTML 79Page - Microchip Technology EMC2103 Datasheet HTML 80Page - Microchip Technology EMC2103 Datasheet HTML 81Page - Microchip Technology EMC2103 Datasheet HTML 82Page - Microchip Technology EMC2103 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS0005250A-page 79
Appendix A Look Up Table Operation
The EMC2103 uses a look-up table to apply a user-programmable fan control profile based on
measured temperature to the fan driver. In this look-up table, each temperature channel is allowed to
control the fan drive output independently (or jointly) by programming up to eight pairs of temperature
and drive setting entries.
The user programs the look-up table based on the desired operation. If the RPM based Fan Speed
Control Algorithm is to be used (see Section 5.5), then the user must program an RPM target for each
temperature setting of interest. Alternately, if the RPM based Fan Speed Control Algorithm is not to be
used, then the user must program a drive setting for each temperature setting of interest.
If the measured temperature on the External Diode channel meets or exceeds any of the temperature
thresholds for any of the channels, the fan output will be automatically set to the desired setting
corresponding to the exceeded temperature. In cases where multiple temperature channel thresholds
are exceeded, the highest fan drive setting will take precedence.
When the measured temperature drops to a point below a lower threshold minus the hysteresis value,
the fan output will be set to the corresponding lower set point.
The following sections show examples of how the Look Up Table is used and configured. Each Look
Up Table Example uses the Fan 1 Look Up Table Registers configured as shown in Table A.1.
A.1
Example #1
This example does not use the RPM based Fan Speed Control Algorithm. Instead, the Look Up Table
is configured to directly set a PWM setting based on the temperature of four of its measured inputs.
The configuration is set as shown in Table A.2.
Once configured, the Look Up Table is loaded as shown in Table A.3. Table A.3 shows three
temperature configurations using the settings in Table A.3 and the final PWM output drive setting that
the Look Up Table will select.
Table A.1 Look Up Table Format
STEP
TEMP 1
TEMP 2
TEMP 3
TEMP 4
LUT DRIVE
1
LUT Temp 1
Setting 1 (52h)
LUT Temp 2
Setting 1 (53h)
LUT Temp 3
Setting 1 (54h)
LUT Temp 4
Setting 1 (55h)
LUT Drive
Setting 1 (51h)
2
LUT Temp 1
Setting 2 (57h)
LUT Temp 2
Setting 2 (58h)
LUT Temp 3
Setting 2 (59h)
LUT Temp 4
Setting 2 (5Ah)
LUT Drive
Setting 2 (56h)
3
LUT Temp 1
Setting 3 (5Ch)
LUT Temp 2
Setting 3 (5Dh)
LUT Temp 3
Setting 3 (5Eh)
LUT Temp 4
Setting 3 (5Fh)
LUT Drive
Setting 3 (5Bh)
4
LUT Temp 1
Setting 4 (61h)
LUT Temp 2
Setting 4 (62h)
LUT Temp 3
Setting 4 (63h)
LUT Temp 4
Setting 4 (64h)
LUT Drive
Setting 4 (60h)
5
LUT Temp 1
Setting 5 (66h)
LUT Temp 2
Setting 5 (67h)
LUT Temp 3
Setting 5 (68h)
LUT Temp 4
Setting 5 (69h)
LUT Drive
Setting 5 (65h)
6
LUT Temp 1
Setting 6 (6Bh)
LUT Temp 2
Setting 6 (6Ch)
LUT Temp 3
Setting 6 (6Dh)
LUT Temp 4
Setting 6 (6Eh)
LUT Drive
Setting 6 (6Ah)
7
LUT Temp 1
Setting 7 (70h)
LUT Temp 2
Setting 7 (71h)
LUT Temp 3
Setting 7 (72h)
LUT Temp 4
Setting 7 (73h)
LUT Drive
Setting 7 (6Fh)
8
LUT Temp 1
Setting 8 (75h)
LUT Temp 2
Setting 8 (76h)
LUT Temp 3
Setting 8 (77h)
LUT Temp 4
Setting 8 (78h)
LUT Drive
Setting 8 (74h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com