Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 10 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 10 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 6Page - Microchip Technology EMC2103 Datasheet HTML 7Page - Microchip Technology EMC2103 Datasheet HTML 8Page - Microchip Technology EMC2103 Datasheet HTML 9Page - Microchip Technology EMC2103 Datasheet HTML 10Page - Microchip Technology EMC2103 Datasheet HTML 11Page - Microchip Technology EMC2103 Datasheet HTML 12Page - Microchip Technology EMC2103 Datasheet HTML 13Page - Microchip Technology EMC2103 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
DS0005250A-page 10
 2013 Microchip Technology Inc.
Figure 2.2 EMC2103-2 and EMC2103-4 Pin Diagram (16-Pin QFN)
Table 2.1 Pin Description for EMC2103
PIN NUMBER
EMC2103-1
PIN NUMBER
EMC2103-2 AND
EMC2103-4
PIN NAME
PIN FUNCTION
PIN TYPE
1
1
DN1
Negative (cathode) analog input for
External Diode 1.
AIO
2
2
DP1
Positive (anode) analog input for
External Diode 1.
AIO
3
3
VDD
Power Supply
Power
N/A
4
GPIO1
GPI1 - General Purpose Input
(default)
DI (5V)
GPO1 - Open Drain digital output
OD (5V)
GPO1 - Push-pull digital output
DO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com