Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 32 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 32 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 28Page - Microchip Technology EMC2103 Datasheet HTML 29Page - Microchip Technology EMC2103 Datasheet HTML 30Page - Microchip Technology EMC2103 Datasheet HTML 31Page - Microchip Technology EMC2103 Datasheet HTML 32Page - Microchip Technology EMC2103 Datasheet HTML 33Page - Microchip Technology EMC2103 Datasheet HTML 34Page - Microchip Technology EMC2103 Datasheet HTML 35Page - Microchip Technology EMC2103 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS0005250A-page 32
5.7
Spin Up Routine
The EMC2103 also contains programmable circuitry to control the spin up behavior of the fan driver
to ensure proper fan operation. The Spin Up Routine is initiated under the following conditions when
the Tach Period Measurement method of tach measurement is used. This applies to either the RPM
based Fan Speed Control Algorithm mode or the Direct Setting mode (with or without the Look Up
Table).
1. The TACH Target Register value changes from a value of FFh to a value that is less than the Valid
TACH Count.
2. The RPM based Fan Speed Control Algorithm’s measured TACH Reading Register value is greater
than the Valid TACH Count setting.
When the Spin Up Routine is operating, the fan driver is set to full scale (optional) for one quarter of
the total user defined spin up time. For the remaining spin up time, the fan driver output is set a a user
defined level (30% through 65% drive).
After the Spin Up Routine has finished, the EMC2103 measures the TACH signal. If the measured
TACH Reading Register value is higher than the Valid TACH Count Register setting, the FAN_SPIN
status bit is set and the Spin Up Routine will automatically attempt to restart the fan.
Figure 5.5 shows an example of the Spin Up Routine in response to a programmed fan speed change
based on the first condition above.
Figure 5.5 Spin Up Routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com