Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 68 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 68 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 64Page - Microchip Technology EMC2103 Datasheet HTML 65Page - Microchip Technology EMC2103 Datasheet HTML 66Page - Microchip Technology EMC2103 Datasheet HTML 67Page - Microchip Technology EMC2103 Datasheet HTML 68Page - Microchip Technology EMC2103 Datasheet HTML 69Page - Microchip Technology EMC2103 Datasheet HTML 70Page - Microchip Technology EMC2103 Datasheet HTML 71Page - Microchip Technology EMC2103 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
DS0005250A-page 68
 2013 Microchip Technology Inc.
6.34
GPIO Direction Register (EMC2103-2 and EMC2103-4 Only)
The GPIO Direction Register controls the direction of GPIOs 1 and 2.
Bit 1 - GPIO2_DIR - Determines the direction of GPIO2.
‘0’ (default) - GPIO2 is configured as an input.
‘1’ - GPIO1 is configured as an output.
Bit 0 - GPIO2_DIR - Determines the direction of GPIO1.
‘0’ (default) - GPIO1 is configured as an input.
‘1’ - GPIO1 is configured as an output.
6.35
GPIO Output Configuration Register (EMC2103-2 and
EMC2103-4 Only)
The GPIO Output Configuration Register controls the output pin type of each GPIO pin.
Bit 1 - GPIO2_OT - Determines the output type for GPIO2.
‘0’ (default) - GPIO2 is configured as an open drain output (if enabled as an output).
‘1’ - GPIO2 is configured as a push-pull output (if enabled as an output).
Bit 0 - GPIO1_OT - Determines the output type for GPIO1.
‘0’ (default) - GPIO1 is configured as an open drain output (if enabled as an output).
‘1’ - GPIO1 is configured as a push-pull output (if enabled as an output).
6.36
GPIO Input Register (EMC2103-2 and EMC2103-4 Only)
Table 6.51 GPIO Direction Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
E1h
R/W
GPIO
Direction 1
-
-
GPIO
2_DIR
GPIO
1_DIR
00h
Table 6.52 GPIO Output Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
E2
R/W
GPIO
Output
Config
-
GPIO
2_OT
GPIO
1_OT
00h
Table 6.53 GPIO Input Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
E3h
R
GPIO Input
-
-
GPIO
2_IN
GPIO
1_IN
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com