Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 38 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 38 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 34Page - Microchip Technology EMC2103 Datasheet HTML 35Page - Microchip Technology EMC2103 Datasheet HTML 36Page - Microchip Technology EMC2103 Datasheet HTML 37Page - Microchip Technology EMC2103 Datasheet HTML 38Page - Microchip Technology EMC2103 Datasheet HTML 39Page - Microchip Technology EMC2103 Datasheet HTML 40Page - Microchip Technology EMC2103 Datasheet HTML 41Page - Microchip Technology EMC2103 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
DS0005250A-page 38
 2013 Microchip Technology Inc.
Diode Configuration
11h
R/W
External Diode 1
Ideality Register
Stores the Ideality Factor used for
External Diode 1
12h
SWL
Page 46
12h **
R/W
External Diode 2
Ideality Register **
Stores the Ideality factor used for
External Diode 2 and External Diode
3
12h
SWL
Page 46
14h
See
Text
External Diode 1
Beta Configuration
Configures the beta compensation
settings for External Diode 1
See Text
SWL
Page 47
15h **
See
Text
External Diode 2
Beta Configuration
**
Configures the beta compensation
settings for External Diode 2
See Text
SWL
Page 47
17h
R/W
External Diode
REC
Configuration
Configures the Resistance Error
Correction functionality for all
external diodes
See Text
SWL
Page 48
19h
R/W
once
External Diode 1
Tcrit Limit
Stores the critical temperature limit
for External Diode 1
64h
(100°C)
Write
Once
Page 49
1Ah **
R/W
once
External Diode 2
Tcrit Limit **
Stores the critical temperature limit
for External Diode 2
64h
(100°C)
Write
Once
Page 49
1Bh **
R/W
once
External Diode 3
Tcrit Limit **
Stores the critical temperature limit
for External Diode 3
64h
(100°C)
Write
Once
Page 49
1Dh
R/W
once
Internal Diode
Tcrit Limit
Stores the critical temperature limit
for the Internal Diode
64h
(100°C)
Write
Once
Page 49
Configuration and control
1Fh
R
Tcrit Status
Stores the status bits for all
temperature channel tcrit limits
00h
No
Page 53
20h
R/W
Configuration
Configures the Thermal / Critical
Shutdown masking options
00h
SWL
Page 50
21h
R/W
Configuration 2
Controls the conversion rate for
monitoring of all channels
0Eh
SWL
Page 51
23h
R-C
Interrupt Status
Stores the status bits for temperature
channels
00h
No
Page 52
24h
R-C
High Limit Status
Stores the status bits for all
temperature channel high limits
00h
No
Page 53
25h
R-C
Low Limit Status
Stores the status bits for all
temperature channel low limits
00h
No
Page 53
26h
R-C
Diode Fault
Stores the status bits for all
temperature channel diode faults
00h
No
Page 53
27h
R-C
Fan Status
Stores the status bits for the RPM
based Fan Speed Control Algorithm
00h
No
Page 53
28h
R/W
Interrupt Enable
Register
Controls the masking of interrupts on
all temperature channels
00h
No
Page 54
29h
R/W
Fan Interrupt
Enable Register
Controls the masking of interrupts for
the Fan Driver
00h
No
Page 54
Table 6.1 EMC2103 Register Set (continued)
ADDR
R/W
REGISTER
NAME
FUNCTION
DEFAULT
VALUE
LOCK
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com