Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 60 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 60 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 56Page - Microchip Technology EMC2103 Datasheet HTML 57Page - Microchip Technology EMC2103 Datasheet HTML 58Page - Microchip Technology EMC2103 Datasheet HTML 59Page - Microchip Technology EMC2103 Datasheet HTML 60Page - Microchip Technology EMC2103 Datasheet HTML 61Page - Microchip Technology EMC2103 Datasheet HTML 62Page - Microchip Technology EMC2103 Datasheet HTML 63Page - Microchip Technology EMC2103 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
DS0005250A-page 60
 2013 Microchip Technology Inc.
options disable the ramp rate control maximum step settings. To take advantage of the full ramp rate
control, limit derivative options to the disabled or basic derivative settings.
Bit 2 - 1 - ERR_RNG[1:0] - Control some of the advanced options that affect the error window. When
the measured fan speed is within the programmed error window around the target speed, then the fan
drive setting is not updated. The algorithm will continue to monitor the fan speed and calculate
necessary drive setting changes based on the error, however these changes are ignored.
The Fan Configuration 2 Register is Software Locked.
6.24
Gain Register
Table 6.35 Derivative Options
DER_OPT[1:0]
OPERATION
10
0
0
No derivative terms used
01
Basic derivative. The derivative of the error from
the current drive setting and the target is added
to the iterative Fan Drive setting (in addition to
proportional and integral terms)
10
Step derivative. The derivative of the error from
the current drive setting and the target is added
to the iterative Fan Drive setting and is not
capped by the maximum Fan Step Register
setting.
11
Both the basic derivative and the step derivative
are used effectively causing the derivative term to
have double the effect of the derivative term
(default).
Table 6.36 Error Range Options
ERR_RNG[1:0]
OPERATION
10
0
0
0 RPM (default)
0
1
50 RPM
1
0
100 RPM
1
1
200 RPM
Table 6.37 Gain Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
45h
R/W
Gain Register
-
-
GAIND[1:0]
GAINI[1:0]
GAINP[1:0]
2Ah



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com