Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 12 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 12 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 8Page - Microchip Technology EMC2103 Datasheet HTML 9Page - Microchip Technology EMC2103 Datasheet HTML 10Page - Microchip Technology EMC2103 Datasheet HTML 11Page - Microchip Technology EMC2103 Datasheet HTML 12Page - Microchip Technology EMC2103 Datasheet HTML 13Page - Microchip Technology EMC2103 Datasheet HTML 14Page - Microchip Technology EMC2103 Datasheet HTML 15Page - Microchip Technology EMC2103 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
DS0005250A-page 12
 2013 Microchip Technology Inc.
Table 2.2 Pin Types
PIN TYPE
DESCRIPTION
Power
This pin is used to supply power or ground to the device.
DI
Digital Input - this pin is used as a digital input. This pin is
5V tolerant.
AIO
Analog Input / Output - this pin is used as an I/O for analog
signals.
DO
Push / Pull Digital Output - this pin is used as a digital
output. It can both source and sink current.
DIOD
Digital Input / Open Drain Output - this pin is used as a
digital I/O. When it is used as an output, it is open drain
and requires a pull-up resistor. This pin is 5V tolerant.
OD
Open Drain Digital Output - this pin is used as a digital
output. It is open drain and requires a pull-up resistor. This
pin is 5V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com