Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 11 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 11 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 7Page - Microchip Technology EMC2103 Datasheet HTML 8Page - Microchip Technology EMC2103 Datasheet HTML 9Page - Microchip Technology EMC2103 Datasheet HTML 10Page - Microchip Technology EMC2103 Datasheet HTML 11Page - Microchip Technology EMC2103 Datasheet HTML 12Page - Microchip Technology EMC2103 Datasheet HTML 13Page - Microchip Technology EMC2103 Datasheet HTML 14Page - Microchip Technology EMC2103 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS0005250A-page 11
The pin type are described in detail below. All pins labelled with (5V) are 5V tolerant.
APPLICATION NOTE: For the 5V tolerant pins that have a pull-up resistor, the voltage difference between VDD and
the 5V tolerant pad must never be more than 3.6V.
N/A
5
GPIO2
GPI2 - General Purpose Input
(default)
DI (5V)
GPO2 - Open Drain digital output
OD (5V)
GPO2 - Push-pull digital output
DO
46
ALERT
Active low interrupt - requires
external pull-up resistor.
OD (5V)
57
SYS_SHDN
Active low Critical / Thermal
Shutdown output - requires external
pull-up resistor
OD (5V)
6
8
SMDATA
SMBus data input/output - requires
external pull-up resistor
DIOD (5V)
7
9
SMCLK
SMBus clock input - requires
external pull-up resistor
DI (5V)
8
10
TACH
Tachometer input for the Fan
DI (5V)
9
11
PWM
PWM - Open Drain PWM drive
output for the Fan
(default)
OD (5V)
PWM - Push-Pull PWM drive output
for the Fan
DO
10
12
GND
Ground connection
Power
11
13
SHDN_SEL
Selects the hardware shutdown
channel and operating mode
AIO
12
14
TRIP_SET
Voltage input to set the Critical /
Thermal Shutdown threshold
AIO
N/A
15
DN2 / DP3
Negative (cathode) analog input for
External Diode 2 and positive
(anode) analog input for External
Diode 3
AIO
N/A
16
DP2 / DN3
Positive (anode) analog input for
External Diode 2 and negative
(cathode) connection for External
Diode 3
AIO
Table 2.1 Pin Description for EMC2103 (continued)
PIN NUMBER
EMC2103-1
PIN NUMBER
EMC2103-2 AND
EMC2103-4
PIN NAME
PIN FUNCTION
PIN TYPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com